전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2576-3.3BU 데이터시트(PDF) 2 Page - Micrel Semiconductor

부품명 LM2576-3.3BU
상세설명  52kHz Simple 3A Buck Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2576-3.3BU 데이터시트(HTML) 2 Page - Micrel Semiconductor

  LM2576-3.3BU Datasheet HTML 1Page - Micrel Semiconductor LM2576-3.3BU Datasheet HTML 2Page - Micrel Semiconductor LM2576-3.3BU Datasheet HTML 3Page - Micrel Semiconductor LM2576-3.3BU Datasheet HTML 4Page - Micrel Semiconductor LM2576-3.3BU Datasheet HTML 5Page - Micrel Semiconductor LM2576-3.3BU Datasheet HTML 6Page - Micrel Semiconductor LM2576-3.3BU Datasheet HTML 7Page - Micrel Semiconductor LM2576-3.3BU Datasheet HTML 8Page - Micrel Semiconductor LM2576-3.3BU Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
M9999-082605-B
2
August 2005
LM2576
Micrel, Inc.
Part Number
Temperature
Standard
RoHS Compliant**
Range
Package
LM2576BT*
LM2576WT*
–40
°C to +85°C
TO-220-5
LM2576-3.3BT
LM2576-3.3WT
–40
°C to +85°C
TO-220-5
LM2576-5.0BT
LM2576-5.0WT
–40
°C to +85°C
TO-220-5
LM2576-12BT
LM2576-12WT
–40
°C to +85°C
TO-220-5
LM2576BU*
LM2576WU*
–40
°C to +85°C
TO-263-5
LM2576-3.3BU
LM2576-3.3WU
–40
°C to +85°C
TO-263-5
LM2576-5.0BU
LM2576-5.0WU
–40
°C to +85°C
TO-263-5
LM2576-12BU
LM2576-12WU
–40
°C to +85°C
TO-263-5
* Adjustable output regulators.
**RoHS compliant with "hot-melting solder" exemption.
Contact factory for bent or staggered leads option.
Pin Configurations
GND
5- ON/OFF
4- FEEDBACK
3- GROUND
2- OUTPUT
1- VIN
5-LEAD TO-263 (U)
GND
5- ON/OFF
4- FEEDBACK
3- GROUND
2- OUTPUT
1- VIN
5-LEAD TO-220 (T)
Ordering Information


유사한 부품 번호 - LM2576-3.3BU

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
LM2576-3.3BU MICREL-LM2576-3.3BU Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
LM2576-3.3BU MICREL-LM2576-3.3BU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-3.3BU MICREL-LM2576-3.3BU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
More results

유사한 설명 - LM2576-3.3BU

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
   52kHz Simple 0.5A Buck Regulator
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
Micrel Semiconductor
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
Micrel Semiconductor
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com