전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQPF9N25 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FQPF9N25
상세설명  250V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF9N25 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FQPF9N25 Datasheet HTML 1Page - Fairchild Semiconductor FQPF9N25 Datasheet HTML 2Page - Fairchild Semiconductor FQPF9N25 Datasheet HTML 3Page - Fairchild Semiconductor FQPF9N25 Datasheet HTML 4Page - Fairchild Semiconductor FQPF9N25 Datasheet HTML 5Page - Fairchild Semiconductor FQPF9N25 Datasheet HTML 6Page - Fairchild Semiconductor FQPF9N25 Datasheet HTML 7Page - Fairchild Semiconductor FQPF9N25 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
  


QFET
QFET
QFET
QFET

 
 
          
        
   
!   "   
#    !   
         
!   ! 
        $ !
  

% & '()*+,-.+ /)Ω0,.1+,
% 2 3 1* *4
% 23 1*4
%  
% 1++5! 
% 6!!$ " 
  
    
    




,
 , 
)*+
,
6

3.)*74
& '
(
3.1++74
/ )
(
6

8 
 
)& 9
(
,
: , 
±;+
,
<
 8 (! <
 
1&*
=
6
(! 
 
& '
(
<
-!(! <
 
/ *
=
!$
8>- !!$
 
* *
,$
8
83.)*74
/*
?
"!)*7
+ ;&
?$7
 
-
**@1*+
7

A  
1$9 * 
;++
7





-θ 
 - = 

) '9
7?
 - = ("

&) *
7?
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"





 



유사한 부품 번호 - FQPF9N25

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FQPF9N25 ISC-FQPF9N25 Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF9N25C FAIRCHILD-FQPF9N25C Datasheet
1Mb / 10P
   250V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF9N25C ISC-FQPF9N25C Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

유사한 설명 - FQPF9N25

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com