전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQPF9P25 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FQPF9P25
상세설명  250V P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF9P25 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FQPF9P25 Datasheet HTML 1Page - Fairchild Semiconductor FQPF9P25 Datasheet HTML 2Page - Fairchild Semiconductor FQPF9P25 Datasheet HTML 3Page - Fairchild Semiconductor FQPF9P25 Datasheet HTML 4Page - Fairchild Semiconductor FQPF9P25 Datasheet HTML 5Page - Fairchild Semiconductor FQPF9P25 Datasheet HTML 6Page - Fairchild Semiconductor FQPF9P25 Datasheet HTML 7Page - Fairchild Semiconductor FQPF9P25 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
©2000 Fairchild Semiconductor International
Rev. A2, December 2000
Charge
V
GS
-10V
Qg
Q
gs
Q
gd
-3mA
V
GS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
V
GS
-10V
Qg
Q
gs
Q
gd
-3mA
V
GS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
VDS
VGS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
-10V
V
DS
R
L
DUT
R
G
V
GS
VDS
VGS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
-10V
V
DS
R
L
DUT
R
G
V
GS
E
AS =L IAS
2
----
2
1
--------------------
BVDSS -VDD
BVDSS
V
DD
V
DS
BVDSS
t
p
V
DD
I
AS
VDS (t)
ID (t)
Time
-10V
DUT
RG
L
I
D
t
p
E
AS =L IAS
2
----
2
1
E
AS =L IAS
2
----
2
1
----
2
1
--------------------
BVDSS -VDD
BVDSS
V
DD
V
DS
BVDSS
t
p
V
DD
I
AS
VDS (t)
ID (t)
Time
-10V
DUT
RG
L
L
I
D
I
D
t
p
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


유사한 부품 번호 - FQPF9P25

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQPF90N08 FAIRCHILD-FQPF90N08 Datasheet
667Kb / 8P
   80V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF90N08 ISC-FQPF90N08 Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF90N10V2 FAIRCHILD-FQPF90N10V2 Datasheet
926Kb / 10P
   100V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF90N10V2 ISC-FQPF90N10V2 Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF9N08 FAIRCHILD-FQPF9N08 Datasheet
547Kb / 8P
   80V N-Channel MOSFET
More results

유사한 설명 - FQPF9P25

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQPF6P25 FAIRCHILD-FQPF6P25 Datasheet
534Kb / 8P
   250V P-Channel MOSFET
FQP2P25 FAIRCHILD-FQP2P25 Datasheet
549Kb / 8P
   250V P-Channel MOSFET
FQP4P25 FAIRCHILD-FQP4P25 Datasheet
568Kb / 8P
   250V P-Channel MOSFET
FQD2P25 FAIRCHILD-FQD2P25 Datasheet
535Kb / 9P
   250V P-Channel MOSFET
FQP6P25 FAIRCHILD-FQP6P25 Datasheet
508Kb / 8P
   250V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2P25 KERSEMI-KSMD2P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
KSMD4P25 KERSEMI-KSMD4P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
logo
Fairchild Semiconductor
FQD6P25TM FAIRCHILD-FQD6P25TM Datasheet
640Kb / 9P
   250V P-Channel MOSFET
FQD6P25 FAIRCHILD-FQD6P25 Datasheet
511Kb / 9P
   250V P-Channel MOSFET
FQPF4P25 FAIRCHILD-FQPF4P25 Datasheet
573Kb / 8P
   250V P-Channel MOSFET
FQB9P25 FAIRCHILD-FQB9P25 Datasheet
573Kb / 9P
   250V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com