전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G86 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 74LVC1G86
상세설명  SINGLE 2 INPUT EXCLUSIVE OR GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G86 데이터시트(HTML) 2 Page - Diodes Incorporated

  74LVC1G86_12 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G86_12 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G86_12 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G86_12 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G86_12 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G86_12 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G86_12 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G86_12 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G86_12 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
74LVC1G86
SINGLE 2 INPUT EXCLUSIVE OR GATE
74LVC1G86
Document number: DS32201 Rev. 6 - 2
2 of 12
www.diodes.com
February 2012
© Diodes Incorporated
Pin Descriptions
Pin Name
Description
A
Data Input
B
Data Input
GND
Ground
Y
Data Output
VCC
Supply Voltage
NC
No Connection
Logic Diagram
Function Table
Inputs
Output
A
B
Y
H
H
L
L
H
H
H
L
H
L
L
L
Absolute Maximum Ratings (Note 2)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to 6.5
V
VI
Input Voltage Range
-0.5 to 6.5
V
VO
Voltage applied to output in high impedance or IOFF state
-0.5 to 6.5
V
VO
Voltage applied to output in high or low state.
-0.3 to VCC +0.5
V
IIK
Input Clamp Current VI<0
-50
mA
IOK
Output Clamp Current
-50
mA
IO
Continuous output current
±50
mA
ICC, IGND
Continuous current through Vcc or GND
±100
mA
TJ
Operating Junction Temperature
-40 to 150
°C
TSTG
Storage Temperature
-65 to 150
°C
Notes:
2. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should be
within recommend values.
1
2
4
Y
A
B


유사한 부품 번호 - 74LVC1G86_12

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVC1G86-Q100 NEXPERIA-74LVC1G86-Q100 Datasheet
183Kb / 13P
   2-input EXCLUSIVE-OR gate
logo
Diodes Incorporated
74LVC1G86FS3-7 DIODES-74LVC1G86FS3-7 Datasheet
245Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32201 Rev. 2 - 2
74LVC1G86FW5-7 DIODES-74LVC1G86FW5-7 Datasheet
245Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32201 Rev. 2 - 2
74LVC1G86FX4-7 DIODES-74LVC1G86FX4-7 Datasheet
245Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32201 Rev. 2 - 2
74LVC1G86FZ4 DIODES-74LVC1G86FZ4 Datasheet
245Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32201 Rev. 2 - 2
More results

유사한 설명 - 74LVC1G86_12

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
   Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
   Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
logo
Texas Instruments
SN74AUC1G86 TI-SN74AUC1G86_08 Datasheet
498Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74AHC1G86 DIODES-74AHC1G86_11 Datasheet
181Kb / 8P
   SINGLE 2 INPUT EXCLUSIVE-OR GATE
logo
Texas Instruments
SN74LVC1G86_081 TI-SN74LVC1G86_081 Datasheet
642Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74LVCE1G86 DIODES-74LVCE1G86 Datasheet
275Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32215 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com