전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3050-E-GTR 데이터시트(PDF) 8 Page - Silicon Laboratories

부품명 SI3050-E-GTR
상세설명  GLOBAL VOICE DAA
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3050-E-GTR 데이터시트(HTML) 8 Page - Silicon Laboratories

Back Button SI3050-E-GTR Datasheet HTML 4Page - Silicon Laboratories SI3050-E-GTR Datasheet HTML 5Page - Silicon Laboratories SI3050-E-GTR Datasheet HTML 6Page - Silicon Laboratories SI3050-E-GTR Datasheet HTML 7Page - Silicon Laboratories SI3050-E-GTR Datasheet HTML 8Page - Silicon Laboratories SI3050-E-GTR Datasheet HTML 9Page - Silicon Laboratories SI3050-E-GTR Datasheet HTML 10Page - Silicon Laboratories SI3050-E-GTR Datasheet HTML 11Page - Silicon Laboratories SI3050-E-GTR Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 112 page
background image
Si3050 + Si3018/19
8
Rev. 1.31
Table 4. AC Characteristics
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C for F/K-Grade, Fs = 8000 Hz, see "2. Typical Application Schematic" on page 17)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Sample Rate
Fs
8
16
kHz
PCLK Input Frequency
PCLK
256
8192
kHz
Receive Frequency Response
Low –3 dBFS Corner, FILT = 0
5
Hz
Receive Frequency Response
Low –3 dBFS Corner, FILT = 1
200
Hz
Transmit Full-Scale Level1
VFS
FULL = 0 (0 dBm)
1.1
VPEAK
FULL = 1 (+3.2 dBm)2
—1.58
VPEAK
FULL2=1(+6.0 dBm)2
—2.16
VPEAK
Receive Full-Scale Level1,3
VFS
FULL = 0 (0 dBm)
1.1
VPEAK
FULL = 1 (+3.2 dBm)2
—1.58
VPEAK
FULL2=1(+6.0 dBm)2
—2.16
VPEAK
Dynamic Range4,5,6
DR
ILIM = 0, DCV = 11, MINI=00
DCR = 0, IL =100 mA
—80
dB
Dynamic Range4,5,6
DR
ILIM = 0, DCV = 00, MINI=11
DCR = 0, IL =20mA
—80
dB
Dynamic Range4,5,6
DR
ILIM = 1, DCV = 11, MINI=00
DCR = 0, IL =50mA
—80
dB
Transmit Total Harmonic
Distortion6,7
THD
ILIM = 0, DCV = 11, MINI=00
DCR = 0, IL =100 mA
—–72
dB
Transmit Total Harmonic
Distortion6,7
THD
ILIM = 0, DCV = 00, MINI=11
DCR = 0, IL =20mA
—–78
dB
Receive Total Harmonic
Distortion6,7
THD
ILIM = 0, DCV = 00, MINI=11
DCR = 0, IL =20mA
—–78
dB
Receive Total Harmonic
Distortion6,7
THD
ILIM = 1,DCV = 11, MINI=00
DCR = 0, IL =50mA
—–78
dB
Notes:
1. Measured at TIP and RING with 600
termination at 1 kHz, as shown in Figure 1 on page 6.
2. With FULL = 1, the transmit and receive full-scale level of +3.2 dBm can be achieved with a 600
 ac termination. While
the transmit and receive level in dBm varies with reference impedance, the DAA will transmit and receive 1 dBV into all
reference impedances. With FULL2 = 1, the transmit and receive full-scale level of +6.0 dBm can be achieved with a
600
 termination. In this mode, the DAA will transmit and receive +1.5 dBV into all reference impedances.
3. Receive full-scale level produces –0.9 dBFS at DTX.
4. DR = 20 x log (RMS VFS/RMS Vin) + 20 x log (RMS Vin/RMS noise). The RMS noise measurement excludes harmonics.
Here, VFS is the 0 dBm full-scale level per Note 1 above.
5. Measurement is 300 to 3400 Hz. Applies to both transmit and receive paths.
6. Vin=1kHz, –3 dBFS.
7. THD = 20 x log (RMS distortion/RMS signal).
8. DRCID = 20 x log (RMS VCID/RMS VIN) + 20 x log (RMS VIN/RMS noise). VCID is the 1.5 V full-scale level with the
enhanced caller ID circuit. With the typical CID circuit, the VCID full-scale level is 6 V peak, and the DRCID decreases to
50 dB.
9. Refer to Tables 10–11 for relative gain accuracy characteristics (passband ripple).
10. Analog hybrid only. ZACIM controlled by ACIM in Register 30.


유사한 부품 번호 - SI3050-E-GTR

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3050-E-GTR SILABS-SI3050-E-GTR Datasheet
1Mb / 112P
   PCM highway data interface law A-law companding SPI control interface GCl interface
More results

유사한 설명 - SI3050-E-GTR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI3038 ETC1-SI3038 Datasheet
1Mb / 64P
   GLOBAL MC 97 SILICON DAA
logo
Skyworks Solutions Inc.
SI3050 SKYWORKS-SI3050 Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
logo
Silicon Laboratories
SI3019-F-FSR SILABS-SI3019-F-FSR Datasheet
905Kb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
SI3011 SILABS-SI3011 Datasheet
3Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com