전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4330-B1-FMR 데이터시트(PDF) 9 Page - Silicon Laboratories

부품명 SI4330-B1-FMR
상세설명  Si4330 ISM RECEIVER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4330-B1-FMR 데이터시트(HTML) 9 Page - Silicon Laboratories

Back Button SI4330-B1-FMR Datasheet HTML 5Page - Silicon Laboratories SI4330-B1-FMR Datasheet HTML 6Page - Silicon Laboratories SI4330-B1-FMR Datasheet HTML 7Page - Silicon Laboratories SI4330-B1-FMR Datasheet HTML 8Page - Silicon Laboratories SI4330-B1-FMR Datasheet HTML 9Page - Silicon Laboratories SI4330-B1-FMR Datasheet HTML 10Page - Silicon Laboratories SI4330-B1-FMR Datasheet HTML 11Page - Silicon Laboratories SI4330-B1-FMR Datasheet HTML 12Page - Silicon Laboratories SI4330-B1-FMR Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
Si4330-B1
Rev 1.0
9
Table 3. Receiver AC Electrical Characteristics1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
RX Frequency
Range
FRX
240
960
MHz
RX Sensitivity2
PRX_2
(BER < 0.1%)
(2 kbps, GFSK, BT = 0.5,
f = 5kHz)3
–121
dBm
PRX_40
(BER < 0.1%)
(40 kbps, GFSK, BT = 0.5,
f = 20 kHz)3
–108
dBm
PRX_100
(BER < 0.1%)
(100 kbps, GFSK, BT = 0.5,
f = 50 kHz)3
–104
dBm
PRX_125
(BER < 0.1%)
(125 kbps, GFSK, BT = 0.5,
f = 62.5 kHz)
–101
dBm
PRX_OOK
(BER < 0.1%)
(4.8 kbps, 350 kHz BW, OOK)3
—–110
dBm
(BER < 0.1%)
(40 kbps, 400 kHz BW, OOK)3
–102
dBm
RX Channel Bandwidth3
BW
2.6
620
kHz
BER Variation vs Power
Level3
PRX_RES
Up to +5 dBm Input Level
0
0.1
ppm
LNA Input Impedance3
(Unmatched—measured
differentially across RX
input pins)
RIN-RX
915 MHz
51–60j
868 MHz
54–63j
433 MHz
89–110j
315 MHz
107–137j
RSSI Resolution
RESRSSI
—±0.5—
dB
1-Ch Offset Selectivity3
C/I1-CH
Desired Ref Signal 3 dB above sensitivity,
BER < 0.1%. Interferer and desired modu-
lated with 40 kbps
F = 20 kHz GFSK with
BT = 0.5, channel spacing = 150 kHz
—–31
dB
2-Ch Offset Selectivity3
C/I2-CH
—–35
dB
 3-Ch Offset Selectivity3
C/I3-CH
—–40
dB
Blocking at 1 MHz Offset3
1MBLOCK Desired Ref Signal 3 dB above sensitivity.
Interferer and desired modulated with
40 kbps
F = 20 kHz GFSK with BT = 0.5
—–52
dB
Blocking at 4 MHz Offset3
4MBLOCK
—–56
dB
Blocking at 8 MHz Offset3
8MBLOCK
—–63
dB
Image Rejection3
ImREJ
Rejection at the image frequency.
IF=937 kHz
—–30
dB
Spurious Emissions3
POB_RX1
Measured at RX pins
–54
dBm
Notes:
1. All specification guaranteed by production test unless otherwise noted. Production test conditions and max limits are listed
in the "Production Test Conditions" section on page 13.
2. Receive sensitivity at multiples of 30 MHz may be degraded. If channels with a multiple of 30 MHz are required it is
recommended to shift the crystal frequency. Contact Silicon Labs Applications Support for recommendations.
3. Guaranteed by qualification. Qualification test conditions are listed in the "Production Test Conditions" section on page 13.


유사한 부품 번호 - SI4330-B1-FMR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI4330 ETC2-SI4330 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4330 ETC2-SI4330 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI4330 SILABS-SI4330 Datasheet
1Mb / 64P
   Remote control
logo
Vishay Siliconix
SI4330DY VISHAY-SI4330DY Datasheet
71Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 24-Nov-03
SI4330DY VISHAY-SI4330DY Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI4330-B1-FMR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
RFM31B ETC2-RFM31B Datasheet
1Mb / 63P
   ISM RECEIVER
logo
HOPE Microelectronics C...
RFM31B HOPE-RFM31B Datasheet
1Mb / 63P
   ISM RECEIVER
logo
List of Unclassifed Man...
RFM65CW ETC2-RFM65CW Datasheet
1Mb / 71P
   ISM RECEIVER MODULE
RFM65W ETC2-RFM65W Datasheet
1Mb / 71P
   ISM RECEIVER MODULE
logo
HOPE Microelectronics C...
RFM65W HOPE-RFM65W Datasheet
1Mb / 71P
   ISM RECEIVER MODULE
RFM65CW HOPE-RFM65CW Datasheet
1Mb / 71P
   ISM RECEIVER MODULE
logo
List of Unclassifed Man...
RWS-F86L ETC2-RWS-F86L Datasheet
556Kb / 4P
   FM STRERO RECEIVER ISM
logo
TEMIC Semiconductors
U2762B TEMIC-U2762B Datasheet
299Kb / 9P
   900-MHz ISM Band Receiver
logo
Silicon Laboratories
SI4313-B1 SILABS-SI4313-B1 Datasheet
500Kb / 50P
   Si4313 LOW-COST ISM RECEIVER
logo
Analog Devices
ADF7902BRUZ AD-ADF7902BRUZ Datasheet
447Kb / 12P
   ISM Band FSK Receiver IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com