전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4012-C1001GT 데이터시트(PDF) 11 Page - Silicon Laboratories

부품명 SI4012-C1001GT
상세설명  Si4012 CRYSTAL-LESS FSK/OOK RF TRANSMITTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4012-C1001GT 데이터시트(HTML) 11 Page - Silicon Laboratories

Back Button SI4012-C1001GT Datasheet HTML 7Page - Silicon Laboratories SI4012-C1001GT Datasheet HTML 8Page - Silicon Laboratories SI4012-C1001GT Datasheet HTML 9Page - Silicon Laboratories SI4012-C1001GT Datasheet HTML 10Page - Silicon Laboratories SI4012-C1001GT Datasheet HTML 11Page - Silicon Laboratories SI4012-C1001GT Datasheet HTML 12Page - Silicon Laboratories SI4012-C1001GT Datasheet HTML 13Page - Silicon Laboratories SI4012-C1001GT Datasheet HTML 14Page - Silicon Laboratories SI4012-C1001GT Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Si4012
Rev 1.1
11
4.4. Operating Mode Control
Figure 3. State Machine Diagram
Transition Notes
1.
Transition to any state (including SHUTDOWN) using the CHANGE_STATE command. Alternatively, transition to
SHUTDOWN using the SDN pin.
2.
If a CHANGE_STATE command to the XO TUNE state is issued (even if already in the XO TUNE state), then an XO
TUNE operation is carried out immediately. This enables close control of timing (fastest execution) for a subsequent
TX_START command. In the TUNE state, a tune operation is carried out in the interval specified in TUNE_INTERVAL.
3.
Transition to end state specified in the TX_START command or TX_STOP command.
4.
If coming out of the SHUTDOWN via SMBus, an SMBus “wake-up” byte is required. This byte is discarded, and normal
SMBus communication can proceed after the power on reset (ipor) is asserted to the host.
State Descriptions
The Si4012 has six power modes, which are summarized below. Further details on the IC configuration in these
modes can be found in "5.1.5. COMMAND: CHANGE_STATE" on page 22.
SHUTDOWN
—Lowest current consumption; the majority of hardware blocks are powered down.
STANDBY
—Low power state with fast SMBus response.
SENSOR
—Same as STANDBY, but the battery is measured periodically.
TUNE
—Periodic tuning state. A tune is performed on any CHANGE_STATE to TUNE command and then
periodically based on the interval defined in TUNE_INTERVAL. This provides faster transition to TX. If XO is
enabled, XO will be used during tune operation.
TX
—Transmission state.
TUNE with XO
5
SDN=1?
STANDBY
2
TX
6
SENSOR
3
NOTE1, 2
TUNE without
XO
4
XO in CHIP_CONFIG?
Yes
No
NOTE1
NOTE1
NOTE1
NOTE1, 3
SHUTDOWN
1
SMBus or
SDN
(NOTE 4)
Yes
CHANGE_STATE
CHANGE_STATE /
Tx_START
TX_START
TX_START
No


유사한 부품 번호 - SI4012-C1001GT

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4012-A0-GT SILABS-SI4012-A0-GT Datasheet
118Kb / 16P
   CRYSTAL-LESS RF TRANSMITTER
More results

유사한 설명 - SI4012-C1001GT

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4012 SILABS-SI4012 Datasheet
118Kb / 16P
   CRYSTAL-LESS RF TRANSMITTER
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
   Sub-1GHz OOK/FSK Transmitter
logo
Silicon Laboratories
SI4010-C2 SILABS-SI4010-C2 Datasheet
862Kb / 156P
   CRYSTAL-LESS SOC RF TRANSMITTER
SI4010 SILABS-SI4010 Datasheet
830Kb / 160P
   CRYSTAL-LESS SOC RF TRANSMITTER
SI4010-C2-GT SILABS-SI4010-C2-GT Datasheet
3Mb / 157P
   CRYSTAL-LESS SOC RF TRANSMITTER
Rev. 1.1 8/20
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
   PLL-based OOK/ASK/FSK Transmitter IC
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
Analog Devices
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com