전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8421SV-C-IS 데이터시트(PDF) 4 Page - Silicon Laboratories

부품명 SI8421SV-C-IS
상세설명  LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8421SV-C-IS 데이터시트(HTML) 4 Page - Silicon Laboratories

  SI8421SV-C-IS Datasheet HTML 1Page - Silicon Laboratories SI8421SV-C-IS Datasheet HTML 2Page - Silicon Laboratories SI8421SV-C-IS Datasheet HTML 3Page - Silicon Laboratories SI8421SV-C-IS Datasheet HTML 4Page - Silicon Laboratories SI8421SV-C-IS Datasheet HTML 5Page - Silicon Laboratories SI8421SV-C-IS Datasheet HTML 6Page - Silicon Laboratories SI8421SV-C-IS Datasheet HTML 7Page - Silicon Laboratories SI8421SV-C-IS Datasheet HTML 8Page - Silicon Laboratories SI8421SV-C-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Si8410/20/21
4
Rev. 1.4
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Ambient Operating Temperature*
TA
150 Mbps, 15 pF, 5 V
–40
25
125
Supply Voltage
VDD1
2.70
5.5
V
VDD2
2.70
5.5
V
*Note: The maximum ambient temperature is dependent upon data frequency, output loading, the number of operating
channels, and supply voltage.
Table 2. Absolute Maximum Ratings1
Parameter
Symbol
Min
Typ
Max
Unit
Storage Temperature2
TSTG
–65
150
Operating Temperature
TA
–40
125
Supply Voltage (Revision C)3
VDD1, VDD2
–0.5
5.75
V
Supply Voltage (Revision D)3
VDD1, VDD2
–0.5
6.0
V
Input Voltage
VI
–0.5
VDD + 0.5
V
Output Voltage
VO
–0.5
VDD + 0.5
V
Output Current Drive Channel
IO
——
10
mA
Lead Solder Temperature (10 s)
260
Maximum Isolation Voltage (1 s)
3600
VRMS
Notes:
1. Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to conditions as specified in the operational sections of this data sheet.
2. VDE certifies storage temperature from –40 to 150 °C.
3. See "5. Ordering Guide" on page 25 for more information.


유사한 부품 번호 - SI8421SV-C-IS

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI8421 SILABS-SI8421 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
List of Unclassifed Man...
SI8421 ETC2-SI8421 Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8421 SKYWORKS-SI8421 Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
logo
Silicon Laboratories
SI8421-A-IS SILABS-SI8421-A-IS Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
SI8421-B-IS SILABS-SI8421-B-IS Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
More results

유사한 설명 - SI8421SV-C-IS

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI8421AD ETC2-SI8421AD Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8610BB-B-IS SILABS-SI8610BB-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI861X SKYWORKS-SI861X Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
logo
Silicon Laboratories
SI8410BB-D-IS SILABS-SI8410BB-D-IS Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI861X SILABS-SI861X Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
SI8610 SILABS-SI8610 Datasheet
445Kb / 36P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
List of Unclassifed Man...
SI8420AB ETC2-SI8420AB Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8410 SKYWORKS-SI8410 Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
logo
Silicon Laboratories
SI8422AB-B-IS SILABS-SI8422AB-B-IS Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com