전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSB660A 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FSB660A
상세설명  PNP Low Saturation Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB660A 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FSB660A Datasheet HTML 1Page - Fairchild Semiconductor FSB660A Datasheet HTML 2Page - Fairchild Semiconductor FSB660A Datasheet HTML 3Page - Fairchild Semiconductor FSB660A Datasheet HTML 4Page - Fairchild Semiconductor FSB660A Datasheet HTML 5Page - Fairchild Semiconductor FSB660A Datasheet HTML 6Page - Fairchild Semiconductor FSB660A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FSB660 / FSB660A
PNP Low Saturation Transistor
These devices are designed with high current gain and low saturation voltage with collector currents up to 2A
continuous.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
°C
-55 to +150
Operating and Storage Junction Temperature Range
TJ, Tstg
A
2
Collector Current - Continuous
IC
V
5
Emitter-Base Voltage
VEBO
V
60
Collector-Base Voltage
VCBO
V
60
Collector-Emitter Voltage
VCEO
Units
FSB660/FSB660A
Parameter
Symbol
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150°C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
°C/W
250
Thermal Resistance, Junction to Ambient
RθJA
mW
500
Total Device Dissipation
PD
FSB660/FSB660A
Units
Max
Characteristic
Symbol
SuperSOT
TM-3 (SOT-23)
© 2000 Fairchild Semiconductor International
FSB660/FSB660A Rev. B
C
E
B


유사한 부품 번호 - FSB660A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSB660A FAIRCHILD-FSB660A Datasheet
54Kb / 4P
   PNP Low Saturation Transistor
logo
ON Semiconductor
FSB660A ONSEMI-FSB660A Datasheet
279Kb / 7P
   PNP Low Saturation Transistor
September 2018 Rev. 2
More results

유사한 설명 - FSB660A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FZT749 FAIRCHILD-FZT749 Datasheet
27Kb / 2P
   PNP Low Saturation Transistor
FMMT549 FAIRCHILD-FMMT549_06 Datasheet
151Kb / 5P
   PNP Low Saturation Transistor
FSB660 FAIRCHILD-FSB660_01 Datasheet
54Kb / 4P
   PNP Low Saturation Transistor
logo
ON Semiconductor
FZT790A ONSEMI-FZT790A Datasheet
279Kb / 7P
   PNP Low Saturation Transistor
February 2015 Rev. 3.1
FSB749 ONSEMI-FSB749 Datasheet
267Kb / 6P
   PNP Low Saturation Transistor
January 2014 Rev. 1.1.0
logo
Fairchild Semiconductor
FMBS549 FAIRCHILD-FMBS549 Datasheet
204Kb / 6P
   PNP Low Saturation Transistor
FMBS549 FAIRCHILD-FMBS549_06 Datasheet
178Kb / 5P
   PNP Low Saturation Transistor
FPN660 FAIRCHILD-FPN660 Datasheet
57Kb / 5P
   PNP Low Saturation Transistor
ZTX749A FAIRCHILD-ZTX749A Datasheet
40Kb / 3P
   PNP Low Saturation Transistor
NZT660 FAIRCHILD-NZT660 Datasheet
200Kb / 7P
   PNP Low Saturation Transistor
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com