전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSB147HNY 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 FSB147HNY
상세설명  Meets 2013 ErP Standby Power Regulation (Less than 0.5 W Consumption with 0.25 W Load) for ATX Power and LCD TV Power
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

FSB147HNY 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FSB147HNY Datasheet HTML 5Page - List of Unclassifed Manufacturers FSB147HNY Datasheet HTML 6Page - List of Unclassifed Manufacturers FSB147HNY Datasheet HTML 7Page - List of Unclassifed Manufacturers FSB147HNY Datasheet HTML 8Page - List of Unclassifed Manufacturers FSB147HNY Datasheet HTML 9Page - List of Unclassifed Manufacturers FSB147HNY Datasheet HTML 10Page - List of Unclassifed Manufacturers FSB147HNY Datasheet HTML 11Page - List of Unclassifed Manufacturers FSB147HNY Datasheet HTML 12Page - List of Unclassifed Manufacturers FSB147HNY Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSB117H / FSB127H / FSB147H • Rev. 1.0.7
9
Electrical Characteristics (Continued)
VDD=15 V, TA=25°C unless otherwise specified.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Current-Sense Section
(14)
tPD
Current Limit Turn-Off Delay
100
200
ns
tLEB
Leading-Edge Blanking Time
230
280
330
ns
tSS
Soft-Start Time
(12)
5
ms
GATE Section
(14)
DCYMAX
Maximum Duty Cycle
70
%
Over-Temperature Protection Section (OTP)
TOTP
Junction Temperature to trigger OTP
(12)
135
142
150
°C
∆TOTP
Hysteresis of OTP
(12)
25
°C
Notes:
12. Guaranteed by design; not 100% tested in production.
13. Pulse test: pulse width ≤ 300 µs, duty ≤ 2%.
14. These parameters, although guaranteed, are tested in wafer-sort process.


유사한 부품 번호 - FSB147HNY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSB147H FAIRCHILD-FSB147H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB147H FAIRCHILD-FSB147H Datasheet
875Kb / 18P
   mWSaver Fairchild Power Switch
FSB147H FAIRCHILD-FSB147H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
More results

유사한 설명 - FSB147HNY

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-ISC002V1 STMICROELECTRONICS-STEVAL-ISC002V1 Datasheet
97Kb / 4P
   Very low standby power: less than 0.5 W at 264 V
June 2008 Rev 1
logo
SL Power Electronics
GB60S SLPOWER-GB60S Datasheet
2Mb / 7P
   Less than 0.5W no-load Power Consumption
logo
SIFIRST TECHNOLOGIES NA...
SF5533H SIFIRST-SF5533H Datasheet
85Kb / 2P
   Less than 75mW Standby Power
SF6771S SIFIRST-SF6771S Datasheet
149Kb / 2P
   Less than 75mW Standby Power
SF5533 SIFIRST-SF5533 Datasheet
84Kb / 2P
   Less than 75mW Standby Power
SF5539H SIFIRST-SF5539H Datasheet
87Kb / 2P
   Less than 75mW Standby Power
logo
STMicroelectronics
AN3339 STMICROELECTRONICS-AN3339 Datasheet
1Mb / 44P
   185 W power supply with PFC and standby supply for LED TV
logo
IEI Integration Corp.
ACE-A140A IEI-ACE-A140A Datasheet
886Kb / 2P
   400 W P ACE-A140A S/2 ATX Power Supply with ErP
logo
Filtronic Compound Semi...
LP750 FILTRONIC-LP750 Datasheet
34Kb / 2P
   0.5 W POWER PHEMT
logo
Recom International Pow...
RACD04 RECOM-RACD04 Datasheet
460Kb / 4P
   low Standby Power, ErP conform
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com