전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD29150XX50 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 LD29150XX50
상세설명  1.5 A, very low drop voltage regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29150XX50 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button LD29150XX50 Datasheet HTML 2Page - STMicroelectronics LD29150XX50 Datasheet HTML 3Page - STMicroelectronics LD29150XX50 Datasheet HTML 4Page - STMicroelectronics LD29150XX50 Datasheet HTML 5Page - STMicroelectronics LD29150XX50 Datasheet HTML 6Page - STMicroelectronics LD29150XX50 Datasheet HTML 7Page - STMicroelectronics LD29150XX50 Datasheet HTML 8Page - STMicroelectronics LD29150XX50 Datasheet HTML 9Page - STMicroelectronics LD29150XX50 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Maximum ratings
LD29150xx
6/22
Doc ID 9614 Rev 18
4
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
30 (1)
1.
Above 14 V the device is automatically in shut-down.
V
VO
DC output voltage
-0.3 to 20
V
VINH
Inhibit input voltage
-0.3 to 20
V
IO
Output current
Internally limited
mA
PD
Power dissipation
Internally limited
mW
TSTG
Storage temperature range
-55 to 150
°C
TOP
Operating junction temperature range
-40 to 125
°C
Table 3.
Thermal data
Symbol
Parameter
DPAK
PPAK
P²PAK
Unit
RthJA
Thermal resistance junction-ambient
100
100
60
°C/W
RthJC
Thermal resistance junction-case
8
8
3
°C/W


유사한 부품 번호 - LD29150XX50

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LD29150XX50 STMICROELECTRONICS-LD29150XX50 Datasheet
440Kb / 21P
   1.5 A, very low drop voltage regulators
LD29150XX50 STMICROELECTRONICS-LD29150XX50 Datasheet
517Kb / 22P
   1.5 A, very low drop voltage regulators
More results

유사한 설명 - LD29150XX50

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
   1.5 A, very low drop voltage regulators
LD29150XX STMICROELECTRONICS-LD29150XX_10 Datasheet
517Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
L4940 STMICROELECTRONICS-L4940 Datasheet
129Kb / 13P
   VERY LOW DROP 1.5 A REGULATORS
LD29300XX STMICROELECTRONICS-LD29300XX Datasheet
525Kb / 26P
   3 A, very low drop voltage regulators
L4705 STMICROELECTRONICS-L4705 Datasheet
113Kb / 3P
   VERY LOW DROP VOLTAGE REGULATORS
L4940XX STMICROELECTRONICS-L4940XX Datasheet
1Mb / 23P
   Very low drop 1.5 A regulator
LD29150 STMICROELECTRONICS-LD29150 Datasheet
446Kb / 17P
   1.5A, VERY LOW DROP VOLTAGE REGULATORS
LD29300 STMICROELECTRONICS-LD29300 Datasheet
530Kb / 17P
   3A, VERY LOW DROP VOLTAGE REGULATORS
logo
Sames
LD29300 SAMES-LD29300_07 Datasheet
508Kb / 26P
   3A, Very low drop voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com