전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FST34X2245QSP 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FST34X2245QSP
상세설명  32-Bit Bus Switch with 25??Series Resistors in Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST34X2245QSP 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FST34X2245QSP Datasheet HTML 1Page - Fairchild Semiconductor FST34X2245QSP Datasheet HTML 2Page - Fairchild Semiconductor FST34X2245QSP Datasheet HTML 3Page - Fairchild Semiconductor FST34X2245QSP Datasheet HTML 4Page - Fairchild Semiconductor FST34X2245QSP Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 8: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On
Resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage the source (zero output impedance).
Capacitance (Note 9)
Note 9: TA = +25°C, f = 1 MHz, Capacitance is characterized but not tested.
AC Loading and Waveforms
Note: Input driven by 50
Ω source terminated in 50 Ω
Note: CL includes load and stray capacitance
Note: Input PRR
= 1.0 MHz t
W = 500 ns
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
Symbol
Parameter
TA = −40 °C to +85 °C,
CL = 50pF, RU = RD = 500Ω
Units
Conditions
Figure
Number
VCC = 4.5 – 5.5V
VCC = 4.0V
Min
Max
Min
Max
tPHL, tPLH
Propagation Delay Bus to Bus
(Note 8)
1.25
1.25
ns
VI = OPEN
Figures
1, 2
tPZH, tPZL
Output Enable Time
1.0
5.9
6.4
ns
VI = 7V for tPZL
Figures
1, 2
VI = OPEN for tPZH
tPHZ, tPLZ
Output Disable Time
1.0
6.0
5.7
ns
VI = 7V for tPLZ
Figures
1, 2
VI = OPEN for tPHZ
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Pin Input Capacitance
3
pF
VCC = 5.0V
CI/O
Input/Output Capacitance
5
pF
VCC, OE = 5.0V


유사한 부품 번호 - FST34X2245QSP

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FST34X2245QSPX FAIRCHILD-FST34X2245QSPX Datasheet
128Kb / 5P
   32-Bit Bus Switch with 25ohm Series Resistors in Outputs
FST34X2245QSPX_NL FAIRCHILD-FST34X2245QSPX_NL Datasheet
128Kb / 5P
   32-Bit Bus Switch with 25ohm Series Resistors in Outputs
More results

유사한 설명 - FST34X2245QSP

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FST34X2245 FAIRCHILD-FST34X2245_05 Datasheet
128Kb / 5P
   32-Bit Bus Switch with 25ohm Series Resistors in Outputs
FST162245 FAIRCHILD-FST162245 Datasheet
189Kb / 4P
   16-Bit Bus Switch with 25??Series Resistors in Outputs
FST162861 FAIRCHILD-FST162861 Datasheet
82Kb / 4P
   20-Bit Bus Switch with 25W Series Resistors in Outputs
FST162861 FAIRCHILD-FST162861_05 Datasheet
166Kb / 5P
   20-Bit Bus Switch with 25ohm Series Resistors in Outputs
FSTD162861 FAIRCHILD-FSTD162861 Datasheet
173Kb / 6P
   20-Bit Bus Switch with Level Shifting and 25??Series Resistors in Outputs Preliminary
FSTU162211 FAIRCHILD-FSTU162211 Datasheet
271Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection and 25??Series Resistors in Outputs (Preliminary)
FST162244 FAIRCHILD-FST162244 Datasheet
175Kb / 4P
   16-Bit Bus Switch with 25??Series Resistor in Outputs Preliminary
74F2645 FAIRCHILD-74F2645 Datasheet
42Kb / 5P
   Octal Bus Transceiver with 25廓 Series Resistors in the Outputs
FSTU162450 FAIRCHILD-FSTU162450 Datasheet
476Kb / 10P
   Configurable 4-Bit to 20-Bit Bus Switch with .2V Undershoot Protection and 25??Series Resistors in Outputs (Preliminary)
74LVT322245 FAIRCHILD-74LVT322245 Datasheet
67Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25??Series Resistors in A Port Outputs
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com