전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7924BRU-REEL7 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD7924BRU-REEL7
상세설명  4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7924BRU-REEL7 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD7924BRU-REEL7 Datasheet HTML 4Page - Analog Devices AD7924BRU-REEL7 Datasheet HTML 5Page - Analog Devices AD7924BRU-REEL7 Datasheet HTML 6Page - Analog Devices AD7924BRU-REEL7 Datasheet HTML 7Page - Analog Devices AD7924BRU-REEL7 Datasheet HTML 8Page - Analog Devices AD7924BRU-REEL7 Datasheet HTML 9Page - Analog Devices AD7924BRU-REEL7 Datasheet HTML 10Page - Analog Devices AD7924BRU-REEL7 Datasheet HTML 11Page - Analog Devices AD7924BRU-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD7904/AD7914/AD7924
Data Sheet
Rev. C | Page 8 of 32
Parameter
B Version1
Unit
Test Conditions/Comments
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE − 0.2
V min
ISOURCE = 200 μA, AVDD = 2.7 V to 5.25 V
Output Low Voltage, VOL
0.4
V max
ISINK = 200 μA
Floating-State Leakage Current
±1
μA max
Floating-State Output Capacitance3
10
pF max
Output Coding
Straight (natural) binary
CODING bit set to 1
Twos complement
CODING bit set to 0
CONVERSION RATE
Conversion Time
800
ns max
16 SCLK cycles with SCLK at 20 MHz
Track-and-Hold Acquisition Time2
300
ns max
Sine wave input
300
ns max
Full-scale step input
Throughput Rate
1
MSPS max
See the Serial Interface section
POWER REQUIREMENTS
VDD
2.7/5.25
V min/V max
VDRIVE
2.7/5.25
V min/V max
IDD4
Digital inputs = 0 V or VDRIVE
Normal Mode (Static)
600
μA typ
AVDD = 2.7 V to 5.25 V, SCLK on or off
Normal Mode (Operational)
2.7
mA max
AVDD = 4.75 V to 5.25 V, fSCLK = 20 MHz
2
mA max
AVDD = 2.7 V to 3.6 V, fSCLK = 20 MHz
Auto Shutdown Mode
960
μA typ
fSAMPLE = 250 kSPS
0.5
μA max
Static
Full Shutdown Mode
0.5
μA max
SCLK on or off (20 nA typ)
Power Dissipation4
Normal Mode (Operational)
13.5
mW max
AVDD = 5 V, fSCLK = 20 MHz
6
mW max
AVDD = 3 V, fSCLK = 20 MHz
Auto Shutdown Mode (Static)
2.5
μW max
AVDD = 5 V
1.5
μW max
AVDD = 3 V
Full Shutdown Mode
2.5
μW max
AVDD = 5 V
1.5
μW max
AVDD = 3 V
1
Temperature range for B versions: −40°C to +85°C.
2
See the Terminology section.
3
Sample tested @ 25°C to ensure compliance.
4
See the Power vs. Throughput Rate section.


유사한 부품 번호 - AD7924BRU-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7924BRU AD-AD7924BRU Datasheet
411Kb / 24P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. 0
More results

유사한 설명 - AD7924BRU-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904 Datasheet
411Kb / 24P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. 0
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
AD7908 AD-AD7908_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928 AD-AD7928_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7490 AD-AD7490 Datasheet
2Mb / 24P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com