전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7924BRUZ-REEL 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD7924BRUZ-REEL
상세설명  4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7924BRUZ-REEL 데이터시트(HTML) 5 Page - Analog Devices

  AD7924BRUZ-REEL Datasheet HTML 1Page - Analog Devices AD7924BRUZ-REEL Datasheet HTML 2Page - Analog Devices AD7924BRUZ-REEL Datasheet HTML 3Page - Analog Devices AD7924BRUZ-REEL Datasheet HTML 4Page - Analog Devices AD7924BRUZ-REEL Datasheet HTML 5Page - Analog Devices AD7924BRUZ-REEL Datasheet HTML 6Page - Analog Devices AD7924BRUZ-REEL Datasheet HTML 7Page - Analog Devices AD7924BRUZ-REEL Datasheet HTML 8Page - Analog Devices AD7924BRUZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
AD7904/AD7914/AD7924
Rev. C | Page 5 of 32
AD7914 SPECIFICATIONS
AVDD = VDRIVE = 2.7 V to 5.25 V, REFIN = 2.5 V, fSCLK = 20 MHz, TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
B Version1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 50 kHz sine wave, fSCLK = 20 MHz
Signal to (Noise + Distortion) (SINAD)2
61
dB min
B models
60.5
dB min
W models
Signal-to-Noise Ratio (SNR)
61
dB min
B models
60.5
dB min
W models
Total Harmonic Distortion (THD)2
−72
dB max
Peak Harmonic or Spurious Noise (SFDR)
−74
dB max
Intermodulation Distortion (IMD)
fa = 40.1 kHz, fb = 41.5 kHz
Second-Order Terms
−90
dB typ
Third-Order Terms
−90
dB typ
Aperture Delay
10
ns typ
Aperture Jitter
50
ps typ
Channel-to-Channel Isolation2
−85
dB typ
fIN = 400 kHz
Full Power Bandwidth
8.2
MHz typ
@ 3 dB
1.6
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
10
Bits
Integral Nonlinearity (INL)2
±0.5
LSB max
Differential Nonlinearity (DNL)2
±0.5
LSB max
Guaranteed no missed codes to 10 bits
0 V to REFIN Input Range
Straight binary output coding
Offset Error2
±2
LSB max
Offset Error Match2
±0.2
LSB max
Gain Error2
±0.5
LSB max
Gain Error Match2
±0.2
LSB max
0 V to 2 × REFIN Input Range
−REFIN to +REFIN biased about REFIN with twos
complement output coding
Positive Gain Error2
±0.5
LSB max
Positive Gain Error Match2
±0.2
LSB max
Zero Code Error2
±2
LSB max
Zero Code Error Match2
±0.2
LSB max
Negative Gain Error2
±0.5
LSB max
Negative Gain Error Match2
±0.2
LSB max
ANALOG INPUT
Input Voltage Range
0 to REFIN
V
RANGE bit set to 1
0 to 2 × REFIN
V
RANGE bit set to 0, AVDD/VDRIVE = 4.75 V to 5.25 V
DC Leakage Current
±1
μA max
Input Capacitance
20
pF typ
REFERENCE INPUT
REFIN Input Voltage
2.5
V
±1% specified performance
DC Leakage Current
±1
μA max
REFIN Input Impedance
36
kΩ typ
fSAMPLE = 1 MSPS
LOGIC INPUTS
Input High Voltage, VINH
0.7 × VDRIVE
V min
Input Low Voltage, VINL
0.3 × VDRIVE
V max
Input Current, IIN
±1
μA max
Typically 10 nA, VIN = 0 V or VDRIVE
Input Capacitance, CIN3
10
pF max


유사한 부품 번호 - AD7924BRUZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7924BRU AD-AD7924BRU Datasheet
411Kb / 24P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. 0
More results

유사한 설명 - AD7924BRUZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904 Datasheet
411Kb / 24P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. 0
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
AD7908 AD-AD7908_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928 AD-AD7928_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7490 AD-AD7490 Datasheet
2Mb / 24P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com