전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSTD32211G 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FSTD32211G
상세설명  40/48-Bit Bus Switch with Level Shifting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTD32211G 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FSTD32211G Datasheet HTML 1Page - Fairchild Semiconductor FSTD32211G Datasheet HTML 2Page - Fairchild Semiconductor FSTD32211G Datasheet HTML 3Page - Fairchild Semiconductor FSTD32211G Datasheet HTML 4Page - Fairchild Semiconductor FSTD32211G Datasheet HTML 5Page - Fairchild Semiconductor FSTD32211G Datasheet HTML 6Page - Fairchild Semiconductor FSTD32211G Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2002 Fairchild Semiconductor Corporation
DS500378
www.fairchildsemi.com
September 2001
Revised July 2002
FSTD32211
40/48-Bit Bus Switch with Level Shifting
General Description
The Fairchild Switch FSTD32211 provides up to 48-bits of
high-speed CMOS TTL-compatible bus switching. The low
on resistance of the switch allows inputs to be connected to
outputs without adding propagation delay or generating
additional ground bounce noise. A diode to VCC has been
integrated into the circuit to allow for level shifting between
5V inputs and 3.3V outputs.
The device can be organized as four 12-bit, two 24-bit, or
one 48-bit bus switch. When routed as a 40-bit bus switch,
the device can be organized as four 10-bit, two 20-bit or
one 40-bit bus switch. When OE1 is LOW, the switch is ON
and Port 1A is connected to Port 1B. When OE2 is LOW,
the switch is ON and Port 2A is connected to Port 2B.
When OE3 is LOW, the switch is ON and Port 3A is con-
nected to Port 3B. When OE4 is LOW, the switch is ON and
Port 4A is connected to Port 4B. When OE1, OE2, OE3, or
OE4 are HIGH, a high impedance state exists between the
A and B Ports.
Features
I 4
Ω switch connection between two ports
I Voltage level shifting
I Minimal propagation delay through the switch
I Low lCC
I Zero bounce in flow-through mode
I Control inputs compatible with TTL level
I Packaged in plastic Fine-Pitch Ball Grid Array (FBGA)
Ordering Code:
Note 1: Ordering code “G” indicates Trays.
Note 2: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Diagram
Order Number
Package Number
Package Description
FSTD32211G
(Note 1)(Note 2)
BGA114A
114-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide


유사한 부품 번호 - FSTD32211G

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSTD32450 FAIRCHILD-FSTD32450 Datasheet
470Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with Selectable Level Shifting (Preliminary)
FSTD32450GX FAIRCHILD-FSTD32450GX Datasheet
470Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with Selectable Level Shifting (Preliminary)
More results

유사한 설명 - FSTD32211G

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSTUD32211 FAIRCHILD-FSTUD32211 Datasheet
246Kb / 8P
   40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
FSTD16861 FAIRCHILD-FSTD16861 Datasheet
164Kb / 5P
   20-Bit Bus Switch with Level Shifting
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861_05 Datasheet
174Kb / 6P
   20-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD3125 ONSEMI-FSTD3125 Datasheet
617Kb / 10P
   4-Bit Bus Switch with Level Shifting
May 2012 Rev. 1.0.3
FSTD16861 ONSEMI-FSTD16861 Datasheet
273Kb / 8P
   20-Bit Bus Switch with Level Shifting
Revised June 2005
logo
Fairchild Semiconductor
FSTD16211 FAIRCHILD-FSTD16211 Datasheet
322Kb / 7P
   24-Bit Bus Switch with Level Shifting
FSTD3125 FAIRCHILD-FSTD3125_12 Datasheet
642Kb / 8P
   4-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16211 ONSEMI-FSTD16211 Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
logo
Fairchild Semiconductor
FSTD3125 FAIRCHILD-FSTD3125 Datasheet
145Kb / 7P
   4-Bit Bus Switch with Level Shifting
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com