전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSTU162450 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FSTU162450
상세설명  Configurable 4-Bit to 20-Bit Bus Switch with .2V Undershoot Protection and 25??Series Resistors in Outputs (Preliminary)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTU162450 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FSTU162450 Datasheet HTML 1Page - Fairchild Semiconductor FSTU162450 Datasheet HTML 2Page - Fairchild Semiconductor FSTU162450 Datasheet HTML 3Page - Fairchild Semiconductor FSTU162450 Datasheet HTML 4Page - Fairchild Semiconductor FSTU162450 Datasheet HTML 5Page - Fairchild Semiconductor FSTU162450 Datasheet HTML 6Page - Fairchild Semiconductor FSTU162450 Datasheet HTML 7Page - Fairchild Semiconductor FSTU162450 Datasheet HTML 8Page - Fairchild Semiconductor FSTU162450 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary
© 2001 Fairchild Semiconductor Corporation
DS500423
www.fairchildsemi.com
February 2001
Revised August 2001
FSTU162450
Configurable 4-Bit to 20-Bit Bus Switch with
−2V Undershoot Protection
and 25
Ω Series Resistors in Outputs (Preliminary)
General Description
The Fairchild Universal Bus Switch FSTU162450 provides
4-bit, 5-bit, 8-bit, 10-bit, 16-bit, 20-bit of high-speed CMOS
TTL-compatible bus switching. The low On Resistance of
the switch allows inputs to be connected to outputs without
adding propagation delay or generating additional ground
bounce noise.
The FSTU162450 is designed to allow “customer” configu-
ration control of the enable connections. The device can be
organized as either a five 4-bit, four 5-bit, two 10-bit or one
20-bit enable bus switch. Also achieveable are 8-bit and
16-bit enabled configurations (see Functional Description).
The device’s bit configuration is controlled through select
pin logic. (see Truth Table). When OEx is LOW, Port Ax is
connected to Port Bx. When OEx is HIGH, the switch is
OPEN.
The A and B Ports are protected against undershoot to
support an extended range to 2.0V below ground.
Fairchild’s
integrated
Undershoot
Hardened
Circuit
( UHC
) senses undershoot at the I/O and responds by
preventing voltage differentials from developing and turn-
ing the switch on.
Features
s Undershoot protected to
−2V (A and B Ports)
s 25
Ω switch connection between two ports
s Minimal propagation delay through the switch
s Low lCC
s Zero bounce in flow-through mode
s Control inputs compatible with TTL level
s See Applications Notes AN-5008 and AN-5021
for UHC details
s Also packaged in plastic Fine-Pitch Ball Grid Array
(FBGA) (Preliminary)
Applications Note
Select pins S0, S1, S2 are intended to be used as static
user configurable control pins. The AC performance of
these pins has not been characterized or tested. Switching
of these select pins during system operation may tempo-
rarily disrupt output logic states and/or enable pin controls.
Ordering Code:
Note 1: BGA package available in Tape and Reel only.
Note 2: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
UHC
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
FSTU162450GX
(Note 1)
BGA54A
(Preliminary)
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
[Tape and Reel]
FSTU162450MTD
(Note 2)
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


유사한 부품 번호 - FSTU162450

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSTU16245 FAIRCHILD-FSTU16245 Datasheet
190Kb / 6P
   16-Bit Bus Switch with -2V Undershoot Protection
FSTU16245MTD FAIRCHILD-FSTU16245MTD Datasheet
190Kb / 6P
   16-Bit Bus Switch with -2V Undershoot Protection
More results

유사한 설명 - FSTU162450

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSTU162211 FAIRCHILD-FSTU162211 Datasheet
271Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection and 25??Series Resistors in Outputs (Preliminary)
FSTUD162450 FAIRCHILD-FSTUD162450 Datasheet
561Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting and 25??Series Resistors in Outputs
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
FSTU16211 FAIRCHILD-FSTU16211 Datasheet
211Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection (Preliminary)
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862_06 Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862 Datasheet
240Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
   4-Bit Bus Switch with -2V Undershoot Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com