전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5791ARUZ 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD5791ARUZ
상세설명  1 ppm 20-Bit, 1 LSB INL, Voltage Output DAC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5791ARUZ 데이터시트(HTML) 1 Page - Analog Devices

  AD5791ARUZ Datasheet HTML 1Page - Analog Devices AD5791ARUZ Datasheet HTML 2Page - Analog Devices AD5791ARUZ Datasheet HTML 3Page - Analog Devices AD5791ARUZ Datasheet HTML 4Page - Analog Devices AD5791ARUZ Datasheet HTML 5Page - Analog Devices AD5791ARUZ Datasheet HTML 6Page - Analog Devices AD5791ARUZ Datasheet HTML 7Page - Analog Devices AD5791ARUZ Datasheet HTML 8Page - Analog Devices AD5791ARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1 ppm 20-Bit,
±1 LSB INL, Voltage Output DAC
Data Sheet
AD5791
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
1 ppm resolution
1 ppm INL
7.5 nV/√Hz noise spectral density
0.19 LSB long-term linearity stability
<0.05 ppm/°C temperature drift
1 µs settling time
1.4 nV-sec glitch impulse
Operating temperature range: −40°C to +125°C
20-lead TSSOP package
Wide power supply range up to ±16.5 V
35 MHz Schmitt triggered digital interface
1.8 V compatible digital interface
APPLICATIONS
Medical instrumentation
Test and measurement
Industrial control
High end scientific and aerospace instrumentation
FUNCTIONAL BLOCK DIAGRAM
A1
6.8kΩ
6kΩ
6.8kΩ
R1
RFB
20-BIT
DAC
DAC
REG
20
20
INPUT
SHIFT
REGISTER
AND
CONTROL
LOGIC
POWER-ON-RESET
AND CLEAR LOGIC
AD5791
IOVCC
SDIN
VCC
VDD
VREFPF VREFPS
VREFNF
AGND
VSS
DGND
VREFNS
SCLK
SYNC
SDO
LDAC
CLR
RESET
RFB
INV
VOUT
Figure 1.
Table 1. Complementary Devices
Part No.
Description
AD8675
Ultra precision, 36 V, 2.8 nV/√Hz rail-to-rail
output op amp
AD8676
Ultra precision, 36 V, 2.8 nV/√Hz dual rail-to-
rail output op amp
ADA4898-1
High voltage, low noise, low distortion, unity
gain stable, high speed op amp
Table 2. Related Device
Part No.
Description
AD5781
18-bit, 0.5 LSB INL, voltage output DAC
GENERAL DESCRIPTION
The AD57911 is a single 20-bit, unbuffered voltage-output DAC
that operates from a bipolar supply of up to 33 V. The AD5791
accepts a positive reference input in the range 5 V to VDD − 2.5 V
and a negative reference input in the range VSS + 2.5 V to 0 V.
The AD5791 offers a relative accuracy specification of ±1 LSB
max, and operation is guaranteed monotonic with a ±1 LSB
DNL maximum specification.
The part uses a versatile 3-wire serial interface that operates at
clock rates up to 35 MHz and that is compatible with standard
SPI, QSPI™, MICROWIRE™, and DSP interface standards. The
part incorporates a power-on reset circuit that ensures the DAC
output powers up to 0 V and in a known output impedance
state and remains in this state until a valid write to the device
takes place. The part provides an output clamp feature that
places the output in a defined load state.
PRODUCT HIGHLIGHTS
1. 1 ppm Accuracy.
2. Wide Power Supply Range up to ±16.5 V.
3. Operating Temperature Range: −40°C to +125°C.
4. Low 7.5 nV/√Hz Noise Spectral Density.
5. Low 0.05 ppm/°C Temperature Drift.
1
Protected by U.S. Patent No. 7,884,747. Other patents pending.


유사한 부품 번호 - AD5791ARUZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5791ARUZ AD-AD5791ARUZ Datasheet
831Kb / 28P
   1 ppm 20-Bit, 짹1 LSB INL, Voltage Output DAC
REV. C
AD5791ARUZ AD-AD5791ARUZ Datasheet
915Kb / 27P
   Voltage Output DAC
More results

유사한 설명 - AD5791ARUZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5791ARUZ AD-AD5791ARUZ Datasheet
831Kb / 28P
   1 ppm 20-Bit, 짹1 LSB INL, Voltage Output DAC
REV. C
AD7676 AD-AD7676_17 Datasheet
389Kb / 21P
   16-Bit, 1 LSB INL
AD7677 AD-AD7677_15 Datasheet
338Kb / 20P
   16-Bit, 1 LSB INL, 1 MSPS
REV. A
AD5781 AD-AD5781 Datasheet
854Kb / 28P
   True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
AD7677 AD-AD7677_17 Datasheet
380Kb / 21P
   16-Bit, 1 LSB INL, 1 MSPS Differential ADC
AD7677 AD-AD7677 Datasheet
322Kb / 20P
   16-Bit, 1 LSB INL, 1 MSPS Differential ADC
REV. 0
AD7676ASTZ AD-AD7676ASTZ Datasheet
348Kb / 20P
   16-Bit, 1,-1 LSB INL,500 kSPS, Differential ADC
REV. B
logo
Texas Instruments
DAC80501 TI1-DAC80501 Datasheet
488Kb / 32P
[Old version datasheet]   16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters
logo
Maxim Integrated Produc...
MAX5316 MAXIM-MAX5316 Datasheet
4Mb / 33P
   16-Bit, ±1 LSB Accuracy Voltage Output DAC with SPI Interface
Rev 0; 1/12
logo
Analog Devices
AD7676 AD-AD7676 Datasheet
321Kb / 20P
   16-Bit -1 LSB INL, 500 kSPS, Differential ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com