전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4922BDY-T1-E3 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI4922BDY-T1-E3
상세설명  Dual N-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4922BDY-T1-E3 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI4922BDY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4922BDY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4922BDY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4922BDY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4922BDY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI4922BDY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI4922BDY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI4922BDY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI4922BDY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 74459
S09-0704-Rev. B, 27-Apr-09
www.vishay.com
3
Vishay Siliconix
Si4922BDY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
8
16
24
32
40
0.0
0.5
1.0
1.5
2.0
2.5
VDS - Drain-to-Source Voltage (V)
VGS = 10 V thru 3 V
2 V
0
8
16
24
32
40
ID - Drain Current (A)
0.010
0.014
0.018
0.022
0.026
0.030
VGS = 2.5 V
VGS = 10 V
VGS = 4.5 V
0
2
4
6
8
10
09
18
27
36
45
Qg - Total Gate Charge (nC)
ID = 5 A
VDS = 15 V
VDS = 20 V
VDS = 10 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
VGS - Gate-to-Source Voltage (V)
0.0
0.4
0.8
1.2
1.6
2.0
0.0
0.6
1.2
1.8
2.4
3.0
TJ = 25 °C
TJ = - 55 °C
TJ = 125 °C
Crss
VDS - Drain-to-Source Voltage (V)
0
600
1200
1800
2400
3000
06
12
18
24
30
Coss
Ciss
TJ - Junction Temperature (°C)
0.7
0.9
1.1
1.3
1.5
1.7
- 50
- 25
0
25
50
75
100
125
150
ID = 5 A
VGS = 10 V
VGS = 4.5 V


유사한 부품 번호 - SI4922BDY-T1-E3

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SI4922BDY-T1-E3 VBSEMI-SI4922BDY-T1-E3 Datasheet
1Mb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
More results

유사한 설명 - SI4922BDY-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com