전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-1750-L0NA2 데이터시트(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-1750-L0NA2
상세설명  T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-1750-L0NA2 데이터시트(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-1750-L0NA2 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-1750-L0NA2 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-1750-L0NA2 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-1750-L0NA2 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-1750-L0NA2 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-1750-L0NA2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-1750-L0NA2 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-1750-L0NA2 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-1750-L0NA2 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Figure 1. Relative intensity vs. wavelength.
Red, Yellow, and Green
Figure 4. Relative luminous intensity vs. forward current.
Figure 5. Relative efficiency (luminous intensity
per unit current) vs. peak current.
Figure 2. Maximum tolerable peak current vs. pulse duration.
(IDC MAX as per MAX ratings).
Figure 3. Forward current vs. forward voltage.
HIGH EFFICIENCY RED
WAVELENGTH – nm
1.0
0.5
0
0
0
7
0
5
6
0
0
6
0
5
5
0
0
5
YELLOW
EMERALD GREEN
GREEN
T = 25° C
A


유사한 부품 번호 - HLMP-1750-L0NA2

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
HLMP-1700 QT-HLMP-1700 Datasheet
183Kb / 2P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-1700 HP-HLMP-1700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Fairchild Semiconductor
HLMP-1700 FAIRCHILD-HLMP-1700 Datasheet
164Kb / 3P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1700 AVAGO-HLMP-1700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
More results

유사한 설명 - HLMP-1750-L0NA2

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3707 AVAGO-HLMP-3707 Datasheet
889Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra?멊right LED Lamps New sturdy leads
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com