전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9279-BBCZ 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD9279-BBCZ
상세설명  Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9279-BBCZ 데이터시트(HTML) 3 Page - Analog Devices

  AD9279-BBCZ Datasheet HTML 1Page - Analog Devices AD9279-BBCZ Datasheet HTML 2Page - Analog Devices AD9279-BBCZ Datasheet HTML 3Page - Analog Devices AD9279-BBCZ Datasheet HTML 4Page - Analog Devices AD9279-BBCZ Datasheet HTML 5Page - Analog Devices AD9279-BBCZ Datasheet HTML 6Page - Analog Devices AD9279-BBCZ Datasheet HTML 7Page - Analog Devices AD9279-BBCZ Datasheet HTML 8Page - Analog Devices AD9279-BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
AD9279
Rev. 0 | Page 3 of 44
SPECIFICATIONS
AC SPECIFICATIONS
AVDD1 = 1.8 V, AVDD2 = 3.0 V, DRVDD = 1.8 V, 1.0 V internal ADC reference, full temperature range (−40°C to +85°C), fIN = 5 MHz,
RS = 50 Ω, RFB = ∞ (unterminated), LNA gain = 21.3 dB, LNA bias = default, PGA gain = 27 dB, GAIN− = 0.8 V, GAIN+ = 0 V, AAF LPF
cutoff = fSAMPLE/3 (MODE I/II) = fSAMPLE/4.5 (MODE III), HPF cutoff = LPF cutoff/12, MODE I = fSAMPLE = 40 MSPS, MODE II = fSAMPLE =
65 MSPS, MODE III = fSAMPLE = 80 MSPS, low power LVDS mode, unless otherwise noted.
Table 1.
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
LNA CHARACTERISTICS
Gain
Single-ended input to differential
output
15.6/17.9/21.3
dB
Single-ended input to single-ended
output
9.6/11.9/15.3
dB
0.1 dB Input Compression Point
LNA gain = 15.6 dB
1.00
V p-p
LNA gain = 17.9 dB
0.75
V p-p
LNA gain = 21.3 dB
0.45
V p-p
1 dB Input Compression Point
LNA gain = 15.6 dB
1.20
V p-p
LNA gain = 17.9 dB
0.90
V p-p
LNA gain = 21.3 dB
0.60
V p-p
Input Common Mode (LI-x, LG-x)
2.2
V
Output Common Mode (LO-x)
Switch off
High-Z
Ω
Switch on
1.5
V
Output Common Mode (LOSW-x)
Switch off
High-Z
Ω
Switch on
1.5
V
Input Resistance (LI-x)
RFB = 350 Ω, LNA gain = 21.3 dB
50
Ω
RFB = 1400 Ω, LNA gain = 21.3 dB
200
Ω
RFB = ∞, LNA gain = 21.3 dB
6
Input Capacitance (LI-x)
22
pF
−3 dB Bandwidth
LNA gain = 15.6 dB
150
MHz
LNA gain = 17.9 dB
130
MHz
LNA gain = 21.3 dB
100
MHz
Input Noise Voltage
RS = 0 Ω, RFB = ∞
LNA gain = 15.6 dB
0.95
nV/√Hz
LNA gain = 17.9 dB
0.85
nV/√Hz
LNA gain = 21.3 dB
0.75
nV/√Hz
Input Noise Current
RFB = ∞
2.5
pA/√Hz
Noise Figure
RS = 50 Ω
Active Termination Matched
LNA gain = 15.6 dB, RFB = 200 Ω
4.5
dB
LNA gain = 17.9 dB, RFB = 250 Ω
3.7
dB
LNA gain = 21.3 dB, RFB = 350 Ω
2.9
dB
Unterminated
LNA gain = 15.6 dB, RFB = ∞
3.1
dB
LNA gain = 17.9 dB, RFB = ∞
2.6
dB
LNA gain = 21.3 dB, RFB = ∞
2.2
dB
FULL-CHANNEL (TGC)
CHARACTERISTICS
AAF Low-Pass Cutoff
−3 dB, programmable
8
18
MHz
In Range AAF Bandwidth
Tolerance
±10
%
Group Delay Variation
f = 1 MHz to 18 MHz, GAIN+ = 0 V to 1.6 V
±0.3
ns


유사한 부품 번호 - AD9279-BBCZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9279-BBCZ AD-AD9279-BBCZ Datasheet
958Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
More results

유사한 설명 - AD9279-BBCZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9278 AD-AD9278 Datasheet
910Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
AD9279 AD-AD9279_17 Datasheet
958Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
AD9276 AD-AD9276 Datasheet
1,022Kb / 48P
   Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
Rev. 0
AD9277 AD-AD9277_17 Datasheet
835Kb / 49P
   Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
AD9276 AD-AD9276_17 Datasheet
832Kb / 49P
   Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
AD9277 AD-AD9277 Datasheet
1Mb / 48P
   Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
REV. 0
AD9272 AD-AD9272 Datasheet
71Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9273 AD-AD9273 Datasheet
710Kb / 49P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com