전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-3180 데이터시트(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-3180
상세설명  2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3180 데이터시트(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3180 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Figure25.RecommendedLEDdriveandapplicationcircuitforHCPL-3180.
Figure23.tPLH,tPHL,trandtftestcircuitandwaveform.
Figure24.CMRtestcircuitandwaveform.
ApplicationsInformationEliminatingNegativeIGBTGate
Drive
To keep the IGBT firmly off, the HCPL-3180 has a very
low maximum VOL specification of 0.4 V. The HCPL-3180
realizes the very low VOL by using a DMOS transistor with
1 W (typical) on resistance in its pull down circuit. When
the HCPL-3180 is in the low state, the IGBT gate is shorted
to the emitter by Rg + 1 W. Minimizing Rg and the lead
inductance from the HCPL-3180 to the IGBT gate and
emitter (possibly by mounting HCPL-3180 on a small PC
board directly above the IGBT) can eliminate the need for
negative IGBT gate drive in many applications as shown
in Figure 25. Care should be taken with such a PC board
design to avoid routing the IGBT collector or emitter
traces close to the HCPL-3180 input as this can result in
unwanted coupling of transient signals into the input of
HCPL-3180 and degrade performance.
(If the IGBT drain must be routed near the HCPL-3180
input, then the LED should be reverse biased when in the
off state to prevent the transient signals coupled from the
IGBT drain from turning on the HCPL-3180.)
0.1
µF
VCC = 20 V
10
1
3
IF = 10 to 16 mA
VO
+
+
2
4
8
6
7
5
250 KHz
50% DUTY
CYCLE
500
10 nF
IF
VOUT
tPHL
tPLH
tf
tr
10%
50%
90%
0.1
µF
VCC = 20 V
1
3
IF
VO
+
+
2
4
8
6
7
5
A
+
B
VCM = 1500 V
5 V
VCM
∆t
0 V
VO
SWITCH AT B: IF = 0 mA
VO
SWITCH AT A: IF = 10 mA
VOL
VOH
∆t
VCM
δV
δt
=
+ HVDC
3-PHASE
AC
- HVDC
0.1
µF
VCC = 15 V
1
3
+
2
4
8
6
7
5
270
+5 V
CONTROL
INPUT
Rg
Q1
Q2
74XXX
OPEN
COLLECTOR


유사한 부품 번호 - HCPL-3180

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-3180 HP-HCPL-3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3180-000E AVAGO-HCPL-3180-000E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-3180-060 HP-HCPL-3180-060 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
HCPL-3180-300 HP-HCPL-3180-300 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
HCPL-3180-500 HP-HCPL-3180-500 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
More results

유사한 설명 - HCPL-3180

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3180-000E AVAGO-HCPL-3180-000E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
HCPL-3180-500E AVAGO-HCPL-3180-500E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-000E AVAGO-HCPL-3120-000E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-H342-000E AVAGO-ACPL-H342-000E Datasheet
707Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-300E AVAGO-HCPL-3120-300E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-500E AVAGO-HCPL-3120-500E Datasheet
409Kb / 25P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J312 AVAGO-HCPL-J312 Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-312T-300E AVAGO-ACPL-312T-300E Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
ACPL-312T-000E AVAGO-ACPL-312T-000E Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com