전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HC297 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HC297
상세설명  High-Speed CMOS Logic Digital Phase-Locked Loop
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC297 데이터시트(HTML) 5 Page - Texas Instruments

  CD74HC297 Datasheet HTML 1Page - Texas Instruments CD74HC297 Datasheet HTML 2Page - Texas Instruments CD74HC297 Datasheet HTML 3Page - Texas Instruments CD74HC297 Datasheet HTML 4Page - Texas Instruments CD74HC297 Datasheet HTML 5Page - Texas Instruments CD74HC297 Datasheet HTML 6Page - Texas Instruments CD74HC297 Datasheet HTML 7Page - Texas Instruments CD74HC297 Datasheet HTML 8Page - Texas Instruments CD74HC297 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Prerequisite For Switching Function
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
HC TYPES
Maximum Clock Frequency
KCP
fMAX
2
6
-5-4-
MHz
4.5
30
-
24
-
20
-
MHz
6
35
-
28
-
24
-
MHz
Maximum Clock Frequency
I/DCP
fMAX
2
4
-3-2-
MHz
4.5
20
-
16
-
13
-
MHz
6
24
-
19
-
15
-
MHz
Clock Pulse Width
KCP
tw
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14-17
-20-
ns
Clock Pulse Width
I/DCP
tW
2
125
-
155
-
190
-
ns
4.5
25
-
31
-
38
-
ns
6
21-26
-32-
ns
Set-up Time
D/U, ENCTR to KCP
tSU
2
100
-
125
-
150
-
ns
4.5
20
-
25
-
30
-
ns
6
17-21
-26-
ns
Hold Time
D/U, ENCTR to KCP
tH
2
0
-0-0-
ns
4.5
0-0-0-
ns
6
0
-0-0-
ns
HCT TYPES
Maximum Clock Frequency
KCP
fMAX
4.5
30
-
24
-
20
-
MHz
Maximum Clock Frequency
I/DCP
fMAX
4.5
20
-
16
-
13
-
MHz
Clock Pulse Width
KCP
tw
4.5
16
-
20
-
24
-
ns
Clock Pulse Width
I/DCP
tw
4.5
25
-
31
-
38
-
ns
Set-up Time
D/U, ENCTR to KCP
tSU
4.5
20
-
25
-
30
-
ns
Hold Time
D/U, ENCTR to KCP
tH
4.5
0-0-0-
ns
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
TYP
MAX
MAX
MAX
HC TYPES
Propagation Delay,
I/DCP to I/DOUT
tPLH, tPHL
CL = 50pF
2
-
175
220
265
ns
4.5
-
35
44
53
ns
6
-
30
34
43
ns
CD54HC297, CD74HC297, CD74HCT297
CD54HC297, CD74HC297, CD74HCT297


유사한 부품 번호 - CD74HC297

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC297 TI-CD74HC297 Datasheet
97Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked-Loop
CD74HC297E TI1-CD74HC297E Datasheet
251Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD74HC297EE4 TI1-CD74HC297EE4 Datasheet
251Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
More results

유사한 설명 - CD74HC297

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54HC297 TI1-CD54HC297_14 Datasheet
251Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI-CD54HC297 Datasheet
243Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD74HC297 TI-CD74HC297 Datasheet
97Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked-Loop
SN74LV4046A TI1-SN74LV4046A_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop
CD74HC4046A TI-CD74HC4046A Datasheet
316Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_10 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_08 Datasheet
443Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_08 Datasheet
536Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_07 Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A Datasheet
297Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com