전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX84J-C7V5 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 BZX84J-C7V5
상세설명  Single Zener diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX84J-C7V5 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button BZX84J-C7V5 Datasheet HTML 2Page - NXP Semiconductors BZX84J-C7V5 Datasheet HTML 3Page - NXP Semiconductors BZX84J-C7V5 Datasheet HTML 4Page - NXP Semiconductors BZX84J-C7V5 Datasheet HTML 5Page - NXP Semiconductors BZX84J-C7V5 Datasheet HTML 6Page - NXP Semiconductors BZX84J-C7V5 Datasheet HTML 7Page - NXP Semiconductors BZX84J-C7V5 Datasheet HTML 8Page - NXP Semiconductors BZX84J-C7V5 Datasheet HTML 9Page - NXP Semiconductors BZX84J-C7V5 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BZX84J_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 1 August 2011
6 of 13
NXP Semiconductors
BZX84J series
Single Zener diodes
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 s; square wave; Tj =25 C prior to surge
Table 9.
Characteristics per type; BZX84J-B27 to BZX84J-C75
Tj =25 C unless otherwise specified.
BZX84J-
xxx
Sel
Working
voltage
VZ (V)
Differential
resistance
rdif ()
Reverse
current
IR (A)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =2mA
IZ =0.5 mA IZ =2mA
IZ =2mA
Min
Max
Max
Max
Max
VR (V) Min
Max
Max
Max
27
B
26.5
27.5
250
40
0.05
18.9
21.4
25.3
73
1
C
25.1
28.9
30
B
29.4
30.6
250
40
0.05
21
24.4
29.4
66
1
C28
32
33
B
32.3
33.7
275
40
0.05
23.1
27.4
33.4
60
0.9
C31
35
36
B
35.3
36.7
300
60
0.05
25.2
30.4
37.4
59
0.8
C34
38
39
B
38.2
39.8
300
75
0.05
27.3
33.4
41.2
58
0.7
C37
41
43
B
42.1
43.9
325
80
0.05
30.1
37.6
46.6
56
0.6
C40
46
47
B
46.1
47.9
325
90
0.05
32.9
42
51.8
55
0.5
C44
50
51
B
50
52
350
110
0.05
35.7
46.6
57.2
52
0.4
C48
54
56
B
54.9
57.1
375
120
0.05
39.2
52.2
63.8
49
0.3
C52
60
62
B
60.8
63.2
400
140
0.05
43.4
58.8
71.6
44
0.3
C58
66
68
B
66.6
69.4
400
160
0.05
47.6
65.6
79.8
40
0.25
C64
72
75
B
73.5
76.5
400
175
0.05
52.5
73.4
88.6
35
0.2
C70
79


유사한 부품 번호 - BZX84J-C7V5

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZX84J-C7V5 PHILIPS-BZX84J-C7V5 Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-C7V5 NXP-BZX84J-C7V5 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 2-1 August 2011
BZX84J-C7V5 NXP-BZX84J-C7V5 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
BZX84J-C7V5 NXP-BZX84J-C7V5 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package.
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
BZX84J-C7V5 NEXPERIA-BZX84J-C7V5 Datasheet
988Kb / 13P
   Single Zener diodes
Rev. 2 - 1 August 2011
More results

유사한 설명 - BZX84J-C7V5

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com