전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF4001-UF4007 데이터시트(PDF) 1 Page - Kingtronics International Company

부품명 UF4001-UF4007
상세설명  1.0 AMP. HIGH EFFICIENT RECTIFIERS Voltage Range 50 to 1000 Volts Current 1.0Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGTRONICS [Kingtronics International Company]
홈페이지  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

UF4001-UF4007 데이터시트(HTML) 1 Page - Kingtronics International Company

  UF4001-UF4007 Datasheet HTML 1Page - Kingtronics International Company UF4001-UF4007 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
NOTES:
.0A,IRR=0.25A.
2. Mount on Cu-Pad Size
m x 5mm on P.C.B.
T
SY
F
F
F
F
F
F
F
UNITS
UF4001 THRU UF4007
1.0 AMP. HIGH EFFICIENT RECTIFIERS
Voltage Range 50 to 1000 Volts
Current 1.0Amperes
DO- 41
Dimensions in inches and (millimeters)
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 Rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202, Method 208guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
250 /10 seconds/.375,(
9.5mm)
lead lengths at 5 lbs.,(2.3kg)tension
Weight:0.34 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
ambient temperature unless otherwise specified. Single
phase, half wave, 60Hz, resistiver or inductive load.
For capactitive load, derate current by 20%
ype Number
MBOL
U 4001
U 4002
U 4003
U 4004
U 4005
U 4006
U 4007
Maximum Repetitive Peak Reverse Voltage
VR
50
100
200
400
600
800
1000
V
RM
Maximum RMS Voltage
VR
35
70
140
280
420
560
700
V
MS
Maximum DC blocking Voltage
VD
50
100
200
400
600
800
1000
V
C
Maximum Average Forward Rectified
IF(AV)
1.0
A
Current .375”(9.5mm) Lead length @ TA=55°C
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load(JEDEC
method)
IFSM
30
A
Maximum Instantaneous Forward Voltage @1.0A
VF
1.0
1.7
V
1.3
Maximum DC Reverse Current
@ TA=25°C
IR
100
μA
at rated DC Blocking voltage
@ TA=100°C
5.0
Maximum Reverse Recovery Time (Note 1)
TR
50
75
R
nS
Typical Thermal Resistance (Note2)
RθJA
70
/W
Operating Temperature Range
TJ
-65 to +125
Storage Temperature Range
TSTG
-65 to +150
1.Reverse Recovery Test conditions: IF=0.5A,IR=1
5m
UF4001 THRU UF4007


유사한 부품 번호 - UF4001-UF4007

제조업체부품명데이터시트상세설명
logo
Nanjing International G...
UF4001-2C1A-2CDO-41 DGNJDZ-UF4001-2C1A-2CDO-41 Datasheet
139Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
UF4001-DO41 YFWDIODE-UF4001-DO41 Datasheet
294Kb / 2P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volt
logo
Comchip Technology
UF4001-G COMCHIP-UF4001-G Datasheet
81Kb / 3P
   Ultra Fast Recovery Rectifiers
logo
Frontier Electronics.
UF4001-LFR FRONTIER-UF4001-LFR Datasheet
128Kb / 2P
   1A ULTRA FAST RECOVERY RECTIFIER
logo
Won-Top Electronics
UF4001-T3 WTE-UF4001-T3 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
More results

유사한 설명 - UF4001-UF4007

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
HER101 MCC-HER101 Datasheet
368Kb / 2P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101 MCC-HER101_13 Datasheet
743Kb / 3P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101 MCC-HER101_11 Datasheet
725Kb / 3P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101S MCC-HER101S_13 Datasheet
750Kb / 3P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101S MCC-HER101S_11 Datasheet
732Kb / 3P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101S MCC-HER101S Datasheet
388Kb / 2P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER107-TP MCC-HER107-TP Datasheet
743Kb / 3P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
HER101-DO41 YFWDIODE-HER101-DO41 Datasheet
307Kb / 2P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Kingtronics Internation...
1A1-1A7 KINGTRONICS-1A1-1A7 Datasheet
294Kb / 2P
   1.0 AMP. SILICON RECTIFIERS Voltage Range 50 to 1000 Volts Current 1.0 Amperes
UF5400-UF5408 KINGTRONICS-UF5400-UF5408 Datasheet
368Kb / 2P
   3.0 AMP. HIGH EFFICIENT RECTIFIERS Voltage Range 50 to 1000 Volts Current 3.0Amperes
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com