전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GMA3688C 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 GMA3688C
상세설명  1.5 INCH (37.9mm) 8 X 8 DOT MATRIX STICK DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

GMA3688C 데이터시트(HTML) 6 Page - Fairchild Semiconductor

  GMA3688C Datasheet HTML 1Page - Fairchild Semiconductor GMA3688C Datasheet HTML 2Page - Fairchild Semiconductor GMA3688C Datasheet HTML 3Page - Fairchild Semiconductor GMA3688C Datasheet HTML 4Page - Fairchild Semiconductor GMA3688C Datasheet HTML 5Page - Fairchild Semiconductor GMA3688C Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
1.5 INCH (37.9mm) 8 X 8
DOT MATRIX STICK DISPLAY
www.fairchildsemi.com
© 2000 Fairchild Semiconductor Corporation


유사한 부품 번호 - GMA3688C

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
GMA3688C QT-GMA3688C Datasheet
191Kb / 5P
   1.5 INCH (37.9mm) 8X8 DOT MATRIX STICK DISPLAY
More results

유사한 설명 - GMA3688C

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
GMA3688C QT-GMA3688C Datasheet
191Kb / 5P
   1.5 INCH (37.9mm) 8X8 DOT MATRIX STICK DISPLAY
logo
Fairchild Semiconductor
GMA4Y881C FAIRCHILD-GMA4Y881C Datasheet
187Kb / 5P
   1.88 INCH (47.7mm) 8 X 8 DOT MATRIX STICK DISPLAY
GMA46881C FAIRCHILD-GMA46881C Datasheet
243Kb / 6P
   1.85 INCH (47.0mm) 8 X 8 DOT MATRIX STICK DISPLAY
GMA26881C FAIRCHILD-GMA26881C Datasheet
238Kb / 6P
   2.3 INCH (58.4 mm) 8 X 8 DOT MATRIX STICK DISPLAY
GMA2688C FAIRCHILD-GMA2688C Datasheet
264Kb / 7P
   2.3 INCH (58.4 mm) 8 X 8 DOT MATRIX STICK DISPLAY
logo
List of Unclassifed Man...
A-4880EG ETC-A-4880EG Datasheet
165Kb / 1P
   1.5 INCH, 8 X 8 DOT MATRIX DISPLAY (MULTI-COLOR)
logo
Fairchild Semiconductor
GMA2288C FAIRCHILD-GMA2288C Datasheet
224Kb / 6P
   2.3 INCH (58.S mm) 8 X 8 DOT MATRIX STICK DISPLAY
logo
List of Unclassifed Man...
C-4880X ETC1-C-4880X Datasheet
128Kb / 1P
   1.5 INCH, 8 X8 DOT MATRIX DISPLAY
logo
Fairchild Semiconductor
GMA2285C FAIRCHILD-GMA2285C Datasheet
248Kb / 5P
   2.3 INCH (58.4 mm) 5 X 8 DOT MATRIX STICK DISPLAY
GMA26841C FAIRCHILD-GMA26841C Datasheet
231Kb / 6P
   2.3 INCH (58.4 mm) 4 X 8 DOT MATRIX STICK DISPLAY
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com