전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GMA8275C 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 GMA8275C
상세설명  1.2 INCH 30.5mm 5 X 7 DOT MATRIX STICK DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

GMA8275C 데이터시트(HTML) 6 Page - Fairchild Semiconductor

  GMA8275C Datasheet HTML 1Page - Fairchild Semiconductor GMA8275C Datasheet HTML 2Page - Fairchild Semiconductor GMA8275C Datasheet HTML 3Page - Fairchild Semiconductor GMA8275C Datasheet HTML 4Page - Fairchild Semiconductor GMA8275C Datasheet HTML 5Page - Fairchild Semiconductor GMA8275C Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
www.fairchildsemi.com
© 2000 Fairchild Semiconductor Corporation
1.2 INCH (30.5mm) 5 X 7
DOT MATRIX STICK DISPLAY


유사한 부품 번호 - GMA8275C

제조업체부품명데이터시트상세설명
logo
Guilin Strong Micro-Ele...
GMA812 GSME-GMA812 Datasheet
221Kb / 2P
   PNP General Purpose Transistor
logo
QT Optoelectronics
GMA8475C QT-GMA8475C Datasheet
601Kb / 7P
   1.2 5X7 DOT MATRIX DISPLAYS
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
logo
QT Optoelectronics
GMA8675C QT-GMA8675C Datasheet
601Kb / 7P
   1.2 5X7 DOT MATRIX DISPLAYS
logo
Fairchild Semiconductor
GMA8675C FAIRCHILD-GMA8675C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
More results

유사한 설명 - GMA8275C

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
C-3570X ETC-C-3570X Datasheet
93Kb / 1P
   1.2 INCH, 5 X 7 DOT MATRIX DISPLAY
logo
Fairchild Semiconductor
GMC7275C FAIRCHILD-GMC7275C Datasheet
236Kb / 6P
   0.7 INCH (17.2MM) 5 X 7 DOT MATRIX STICK DISPLAY
GMA2275C FAIRCHILD-GMA2275C Datasheet
197Kb / 5P
   2.0 INCH (50.8 mm) 5 X 7 DOT MATRIX STICK DISPLAY
logo
Lite-On Technology Corp...
LTP-1557AKR LITEON-LTP-1557AKR Datasheet
151Kb / 5P
   1.2 inch (30.42 mm) matrix height 5 x 7 dot matrix display
logo
Epson Company
C-5570H EPSON-C-5570H Datasheet
95Kb / 1P
   2.0 INCH, 5 X 7 DOT MATRIX DISPLAY
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
GMA2285C FAIRCHILD-GMA2285C Datasheet
248Kb / 5P
   2.3 INCH (58.4 mm) 5 X 8 DOT MATRIX STICK DISPLAY
logo
List of Unclassifed Man...
C-3880X ETC-C-3880X Datasheet
117Kb / 1P
   1.2 INCH, 8 X 8 DOT MATRIX DISPLAY
logo
China Semiconductor Cor...
CSM-88160VM9 CHINASEMI-CSM-88160VM9 Datasheet
275Kb / 7P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111M9 CHINASEMI-CSM-88111M9 Datasheet
222Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com