전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ASTX-11 데이터시트(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

부품명 ASTX-11
상세내용  Low current consumption 1.5mA for 19.68MHz Suitable for RoHS reflow profile
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo 

ASTX-11 데이터시트(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 2 / 2 page
background image
OUTLINE DRAWING:
TAPE & REEL:
Dimensions: Inches (mm)
Dimensions: mm
REFLOW PROFILE:
Note 1: It is not recommended
that paths go underneath the
oscillator. If needed, please
use multi-layer PCB board or
resist coating.
Note 2: Recommend using an
approximately 0.01μF bypass
capacitor between Pin 3 and 6.
T: 1000pcs/reel
T3: 3000pcs/reel
|||||||||||| | | |
ASTX-11, ASVTX-11
VOLTAGE CONTROLLED TEMPERATURE
COMPENSATED SMD CRYSTAL OSCILLATOR
3.2 X 2.5 X 0.9mm
Pb RoHS
Compliant
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.27.11-K
Visit www.abracon.com for Terms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Function
Pin
ASVTX-11
ASTX-11
1
Vcc
GND
2
N.C.
3
GND
4
Output
5
N.C.
6
Vdd
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.


Html Pages

1  2 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn