전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-CB26-TUDDD 데이터시트(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-CB26-TUDDD
상세설명  T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB26-TUDDD 데이터시트(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CB26-TUDDD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB26-TUDDD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB26-TUDDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB26-TUDDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB26-TUDDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB26-TUDDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB26-TUDDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB26-TUDDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB26-TUDDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Absolute Maximum Rating at TA = 25°C
Parameters
Value
Unit
DCForwardCurrent[1]
0
mA
PeakPulsedForwardCurrent[]
100
mA
PowerDissipation
116
mW
LEDJunctionTemperature
10
°C
OperatingTemperatureRange
–40to+85
°C
StorageTemperatureRange
–40to+100
°C
Notes:
1. DeratelinearlyasshowninFigure.
. Dutyfactor10%,frequency1KHz.
Electrical/Optical Characteristics
TA = 25oC
Blue
Green
Cyan
Parameters
Symbol
Min. Typ. Max. Min. Typ. Max. Min.Typ. Max. Units TestCondition
ForwardVoltage
VF
. .85
. .85
. .85
V
IF=0mA
ReverseVoltage[1]
VR
5.0
5.0
5.0
V
IR=10µA
ThermalResistance RqJ-PIN
40
40
40
oC/W LEDJunctionto
AnodeLead
Dominant
ld
460 470 480
50 55 540
490 505 508
nm
IF=0mA
Wavelength[]
PeakWavelength
lPEAK
464
516
501
nm
PeakofWavelength
ofSpectralDistribu-
tionatIF=0mA
SpectralHalfWidth
Dl1/


0
nm
WavelengthWidth
atSpectralDistribu-
tionPowerPoint
atIF=0mA
LuminousEfficacy[] hv
74
484
19
lm/W EmittedLuminous
Power/Emitted
RadiantPower
Notes:
1. ThereversevoltageoftheproductisequivalenttotheforwardvoltageoftheprotectivechipatIR=10µA.
. Thedominantwavelength,ld,isderivedfromtheChromaticityDiagramandrepresentsthecolorofthelamp.
. Theradiantintensity,Ieinwatts/steradian,maybefoundfromtheequationIe=Iv/hv,whereIvistheluminousintensityincandelasandhvisthelumi-
nousefficacyinlumens/watt.


유사한 부품 번호 - HLMP-CB26-TUDDD

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-CB26-TUDXX HP-HLMP-CB26-TUDXX Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB26-TUDXX AVAGO-HLMP-CB26-TUDXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
More results

유사한 설명 - HLMP-CB26-TUDDD

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com