전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FFPF60SA60DS 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FFPF60SA60DS
상세설명  6 A, 600 V, STEALTH Dual Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF60SA60DS 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FFPF60SA60DS Datasheet HTML 1Page - Fairchild Semiconductor FFPF60SA60DS Datasheet HTML 2Page - Fairchild Semiconductor FFPF60SA60DS Datasheet HTML 3Page - Fairchild Semiconductor FFPF60SA60DS Datasheet HTML 4Page - Fairchild Semiconductor FFPF60SA60DS Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (per leg) T
C=25 °C unless otherwise noted
*Pulse Test: Pulse Width=300
µs, Duty Cycle=2%
Typical Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
VF *
Forward Voltage
IF = 8 A
IF = 8 A
TC = 25 °C
TC = 125 °C
-
-
2.0
1.6
2.4
2.0
V
IR *
Reverse Current
@ rated VR
TC = 25 °C
TC = 125 °C
-
-
-
-
100
1000
µA
t
rr
Maximum Reverse Recovery Time
(IF = 1 A, di/dt = 100 A/µs, VR = 30 V)
-
-
25
ns
trr
Maximum Reverse Recovery Time (IF = 8
A, di/dt = 100 A/
µs, V
R = 30 V)
-
-
30
ns
t
rr
Irr
Qrr
Reverse Recovery Time
Reverse Recovery Current Reverse
Recovery Charge
(IF = 8 A, di/dt = 200 A/µs, VR = 390 V)
-
-
-
39
2
39
-
-
-
ns
A
nC
Figure 1.
Typical Forward Voltage Drop
vs. Forward Current
Figure 2. Typical Reverse Current
vs. Reverse Voltage
Figure 3. Typical Junction Capacitance
Figure 4. Typical Reverse Recovery Time
vs. di/dt
0.1
1
10
0.5
1.0
1.5
2.0
2.5
T
C
= 150
oC
T
C
= 125
oC
T
C
= 25
oC
T
C
= 100
oC
Forward Voltage , V
F
[V]
0
50
100 150 200 250 300 350 400 450 500 550 600
0.001
0.1
1
10
100
T
C
= 150
oC
T
C
= 125
oC
T
C
= 100
oC
T
C
= 25
oC
Reverse Voltage , V
R
[V]
0.1
1
10
100
50
100
150
200
Typical Capacitance
at 0V = 169.3 pF
Reverse Voltage , V
R
[V]
100
200
300
400
500
600
26
28
30
32
34
36
38
40
42
44
I
F
= 8 A
Tc = 25
oC
di/dt [A/
µs]
www.fairchildsemi.com
2
©200
4 Fairchild Semiconductor Corporation
FFPF60SA60DS Rev. A


유사한 부품 번호 - FFPF60SA60DS

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FFPF60SA60DS FAIRCHILD-FFPF60SA60DS Datasheet
75Kb / 5P
   Stealth Rectifier
FFPF60SA60DS FAIRCHILD-FFPF60SA60DS Datasheet
75Kb / 5P
   StealthTM Rectifier
logo
Thinki Semiconductor Co...
FFPF60SA60DS THINKISEMI-FFPF60SA60DS Datasheet
3Mb / 3P
   16Amperes,600Volts Insulated Dual Series Connection Ultra Fast Soft Recovery Rectifiers
FFPF60SA60DSTU THINKISEMI-FFPF60SA60DSTU Datasheet
3Mb / 3P
   16Amperes,600Volts Insulated Dual Series Connection Ultra Fast Soft Recovery Rectifiers
More results

유사한 설명 - FFPF60SA60DS

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FFH50US60S-F085 ONSEMI-FFH50US60S-F085 Datasheet
4Mb / 6P
   STEALTH Diode 50 A, 600 V
March, 2020 - Rev. 4
ISL9R460PF2 ONSEMI-ISL9R460PF2 Datasheet
222Kb / 7P
   4 A, 600 V, STEALTH Diode
March, 2019 - Rev. 3
FFD08S60S-F085 ONSEMI-FFD08S60S-F085 Datasheet
410Kb / 5P
   Rectifier – STEALTH II 8 A, 600 V
January, 2021 - Rev. 4
logo
Power Integrations, Inc...
LXA06T600 POWERINT-LXA06T600_V01 Datasheet
315Kb / 8P
   600 V, 6 A X-Series PFC Diode
November 2013
LXA06T600 POWERINT-LXA06T600 Datasheet
244Kb / 8P
   600 V, 6 A X-Series PFC Diode
logo
Fairchild Semiconductor
ISL9K1560G3 FAIRCHILD-ISL9K1560G3 Datasheet
146Kb / 6P
   15A, 600V Stealth??Dual Diode
ISL9K18120G3 FAIRCHILD-ISL9K18120G3 Datasheet
147Kb / 6P
   18A, 1200V Stealth??Dual Diode
ISL9K8120P3 FAIRCHILD-ISL9K8120P3 Datasheet
140Kb / 6P
   8A, 1200V Stealth??Dual Diode
ISL9K860P3 FAIRCHILD-ISL9K860P3 Datasheet
144Kb / 6P
   8A, 600V Stealth??Dual Diode
ISL9K30120G3 FAIRCHILD-ISL9K30120G3 Datasheet
145Kb / 6P
   30A, 1200V Stealth??Dual Diode
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com