전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVX3245MTCX 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 74LVX3245MTCX
상세설명  8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX3245MTCX 데이터시트(HTML) 7 Page - Fairchild Semiconductor

  74LVX3245MTCX Datasheet HTML 1Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 2Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 3Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 4Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 5Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 6Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 7Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 8Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
.635
D . DIM ENSIO NS ARE EXC LU SIVE O F BU RR S,
M O LD FLASH , AND TIE BAR EXTRUSIO NS
C. DRAW IN G CO NFO RM S TO
ASM E Y14.5M -1994
B. ALL DIM ENSIO NS AR E IN M ILLIM ETERS
A. TH IS PAC KAG E C O N FO R M S TO
JEDEC M 0-137 VARIATIO N AE
NO TES :
SID E VIEW
TO P VIEW
SEATING PLANE
GAGE PLAN E
DETAIL A
EN D VIEW
LAN D PA TTERN
RECO M M ENDATIO N
1
1
12
13
24
24
13
12
3.99
3.84
6
2X 12 TIPS
0.635
1.49
1.39
1.73 M AX
0.10
A-B
0.10
A-B
0.20
C
0.161
0.061
A
B
0.178
C A-B D
24X 0.3
0.2
0.203
0.101
E. LAN D PATTER N STAN D AR D : SO P63P600X175-24M
F. D R AW IN G FILE N AME: MKT-MQ A24REV2
5.60
1.75
0.4
8.74
8.59
0.71
0.61
45°
0.61
0.71
R 0.008
0 M IN
0.254
(0.695)
7
www.fairchildsemi.com
24-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings
may change in any manner without notice. Please note the revision and/or date on the drawing and con-
tact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifi-
cations do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.


유사한 부품 번호 - 74LVX3245MTCX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74LVX3245MTCX ONSEMI-74LVX3245MTCX Datasheet
389Kb / 12P
   8-Bit, Dual-Supply Translating Transceiver
April 2016 Rev. 1.6
More results

유사한 설명 - 74LVX3245MTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54LVX4245 NSC-54LVX4245 Datasheet
118Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
74LVX4245 NSC-74LVX4245 Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX3245 NSC-54LVX3245 Datasheet
114Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX4245_993 NSC-54LVX4245_993 Datasheet
120Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
logo
Nexperia B.V. All right...
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com