전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVX3245QSC 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74LVX3245QSC
상세설명  8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX3245QSC 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74LVX3245QSC Datasheet HTML 1Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 2Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 3Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 4Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 5Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 6Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 7Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 8Page - Fairchild Semiconductor 74LVX3245QSC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
Note 3: Worst case package.
Note 4: Max number of outputs defined as (n). Data inputs are driven 0V to VCC level; one output at GND.
Note 5: Max number of Data Inputs (n) switching. (n
−1) inputs switching 0V to VCC level. Input-under-test switching:
VCC level to threshold (VIHD), 0V to threshold (VILD), f = 1 MHz.
AC Electrical Characteristics
Symbol
Parameters
TA = +25°C
TA = −40°C to +85°C
TA = −40°C to +85°C
Units
CL = 50 pF
CL = 50 pF
CL = 50 pF
VCCA = 3.3V (Note 6)
VCCA = 3.3V (Note 6)
VCCA = 2.7V
VCCB = 5.0V (Note 7)
VCCB = 5.0V (Note 7) VCCB = 5.0V (Note 7)
Min
Typ
Max
Min
Max
Min
Max
tPHL
Propagation Delay
1.0
5.4
8.0
1.0
8.5
1.0
9.0
ns
tPLH
A to B
1.0
5.6
7.5
1.0
8.0
1.0
8.5
tPHL
Propagation Delay
1.0
5.1
7.5
1.0
8.0
1.0
8.5
ns
tPLH
B to A
1.0
5.7
7.5
1.0
8.0
1.0
8.5
tPZL
Output Enable
1.0
4.8
8.0
1.0
8.5
1.0
9.0
ns
tPZH
Time OE to B
1.0
6.3
8.5
1.0
9.0
1.0
9.5
tPZL
Output Enable
1.0
6.3
8.5
1.0
9.0
1.0
9.5
ns
tPZH
Time OE to A
1.0
6.8
9.0
1.0
9.5
1.0
10.0
tPHZ
Output Disable
1.0
5.3
7.5
1.0
8.0
1.0
8.5
ns
tPLZ
Time OE to B
1.0
4.2
7.0
1.0
7.5
1.0
8.0
tPHZ
Output Disable
1.0
5.3
8.0
1.0
8.5
1.0
9.0
ns
tPLZ
Time OE to A
1.0
3.7
6.5
1.0
7.0
1.0
7.5
tOSHL
Output to Output
tOSLH
Skew (Note 8)
1.0
1.5
1.5
1.5
ns
Data to Output
Note 6: Voltage Range 3.3V is 3.3V
± 0.3V.
Note 7: Voltage Range 5.0V is 5.0V
± 0.5V.
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
ΔICC
Maximum
Bn
3.6
5.5
1.0
1.35
1.5
mA
VI = VCCB − 2.1V
ICCT/Input @
An, T/R,
3.6
5.5
0.35
0.5
mA
VI = VCCA −0.6V
OE
ICCA
Quiescent VCCA
An = VCCA or GND
Supply Current
3.6
5.5
5
50
μA
Bn = VCCB or GND,
OE
= GND, T/R = GND
ICCB
Quiescent VCCB
An = VCCA or GND
Supply Current
3.6
5.5
8
80
μA
Bn = VCCB or GND,
OE
= GND, T/R = VCCA
VOLPA
Quiet Output Maximum
3.3
5.0
0.8
V
(Note 3) (Note 4)
VOLPB
Dynamic VOL
3.3
5.0
1.5
VOLVA
Quiet Output Minimum
3.3
5.0
−0.8
V
(Note 3) (Note 4)
VOLVB
Dynamic VOL
3.3
5.0
−1.2
VIHDA
Minimum HIGH Level
3.3
5.0
2.0
V
(Note 3) (Note 5)
VIHDB
Dynamic Input Voltage
3.3
5.0
2.0
VILDA
Maximum LOW Level
3.3
5.0
0.8
V
(Note 3) (Note 5)
VILDB
Dynamic Input Voltage
3.3
5.0
0.8
Symbol
Parameter
VCCA
VCCB
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
(V)
Typ
Guaranteed Limits


유사한 부품 번호 - 74LVX3245QSC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVX3245QSC FAIRCHILD-74LVX3245QSC Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245QSC FAIRCHILD-74LVX3245QSC Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LVX3245QSC ONSEMI-74LVX3245QSC Datasheet
389Kb / 12P
   8-Bit, Dual-Supply Translating Transceiver
April 2016 Rev. 1.6
74LVX3245QSCX ONSEMI-74LVX3245QSCX Datasheet
389Kb / 12P
   8-Bit, Dual-Supply Translating Transceiver
April 2016 Rev. 1.6
logo
Fairchild Semiconductor
74LVX3245QSC FAIRCHILD-74LVX3245QSC_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results

유사한 설명 - 74LVX3245QSC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54LVX4245 NSC-54LVX4245 Datasheet
118Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
74LVX4245 NSC-74LVX4245 Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX3245 NSC-54LVX3245 Datasheet
114Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX4245_993 NSC-54LVX4245_993 Datasheet
120Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
logo
Nexperia B.V. All right...
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com