전자부품 데이터시트 검색엔진 |
|
6N138-320E 데이터시트(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED |
|
6N138-320E 데이터시트(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED |
5 / 14 page 5 Small Outline SO-8 Package (HCPL-0701/HCPL-0700) 8-Pin Widebody DIP Package (HCNW139/HCNW138) 7.49 (0.295) 1.9 (0.075) 0.64 (0.025) LAND PATTERN RECOMMENDATION XXX YWW 8765 4 3 2 1 5.994 ± 0.203 (0.236 ± 0.008) 3.937 ± 0.127 (0.155 ± 0.005) 0.406 ± 0.076 (0.016 ± 0.003) 1.270 (0.050) BSC 5.080 ± 0.127 (0.200 ± 0.005) 3.175 ± 0.127 (0.125 ± 0.005) 1.524 (0.060) 45° X 0.432 (0.017) 0.228 ± 0.025 (0.009 ± 0.001) TYPE NUMBER (LAST 3 DIGITS) DATE CODE 0.305 (0.012) MIN. TOTAL PACKAGE LENGTH (INCLUSIVE OF MOLD FLASH) 5.207 ± 0.254 (0.205 ± 0.010) DIMENSIONS IN MILLIMETERS (INCHES). LEAD COPLANARITY = 0.10 mm (0.004 INCHES) MAX. NOTE: FLOATING LEAD PROTRUSION IS 0.15 mm (6 mils) MAX. 0.203 ± 0.102 (0.008 ± 0.004) 7° PIN ONE 0 ~ 7° * * 5 6 7 8 4 3 2 1 11.23 ± 0.15 (0.442 ± 0.006) 1.80 ± 0.15 (0.071 ± 0.006) 5.10 (0.201)MAX. 1.55 (0.061) MAX. 2.54 (0.100) TYP. DIMENSIONS IN MILLIMETERS (INCHES). NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX. 7° TYP. 0.254 + 0.076 - 0.0051 (0.010 + 0.003) - 0.002) 11.00 (0.433) 9.00 ± 0.15 (0.354 ± 0.006) MAX. 10.16 (0.400) TYP. A HCNWXXXX YYWW DATE CODE TYPE NUMBER 0.51 (0.021) MIN. 0.40 (0.016) 0.56 (0.022) 3.10 (0.122) 3.90 (0.154) |
유사한 부품 번호 - 6N138-320E |
|
유사한 설명 - 6N138-320E |