전자부품 데이터시트 검색엔진 |
|
HLMP-1790 데이터시트(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-1790 데이터시트(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED |
8 / 10 page 8 Precautions: Lead Forming: • The leads of an LED lamp may be preformed or cut to length prior to insertion and soldering on PC board. • For better control, it is recommended to use proper tool to precisely form and cut the leads to applicable length rather than doing it manually. • If manual lead cutting is necessary, cut the leads after the soldering process. The solder connection forms a mechanical ground which prevents mechanical stress due to lead cutting from traveling into LED package. This is highly recommended for hand solder operation, as the excess lead length also acts as small heat sink. Soldering and Handling: • Care must be taken during PCB assembly and soldering process to prevent damage to the LED component. • LED component may be effectively hand soldered to PCB. However, it is only recommended under unavoidable circumstances such as rework. The closest manual soldering distance of the soldering heat source (soldering iron’s tip) to the body is 1.59mm. Soldering the LED using soldering iron tip closer than 1.59mm might damage the LED. • ESD precaution must be properly applied on the soldering station and personnel to prevent ESD damage to the LED component that is ESD sensitive. Do refer to Avago application note AN 1142 for details. The soldering iron used should have grounded tip to ensure electrostatic charge is properly grounded. • Recommended soldering condition: Wave Manual Solder Soldering[1],[2] Dipping Pre-heat Temperature 105°C Max. – Pre-heat Time 60 sec Max. – Peak Temperature 250°C Max. 260°C Max. Dwell Time 3 sec Max. 5 sec Max. Note: 1) Above conditions refers to measurement with thermocouple mounted at the bottom of PCB. 2) It is recommended to use only bottom preheaters in order to reduce thermal stress experienced by LED. • Wave soldering parameters must be set and maintained according to the recommended temperature and dwell time. Customer is advised to perform daily check on the soldering profile to ensure that it is always conforming to recommended soldering conditions. Note: 1. PCB with different size and design (component density) will have different heat mass (heat capacity). This might cause a change in temperature experienced by the board if same wave soldering setting is used. So, it is recommended to re-calibrate the soldering profile again before loading a new type of PCB. 2. Customer is advised to take extra precaution during wave soldering to ensure that the maximum wave temperature does not exceed 250°C and the solder contact time does not exceeding 3sec. Over- stressing the LED during soldering process might cause premature failure to the LED due to delamination. • Any alignment fixture that is being applied during wave soldering should be loosely fitted and should not apply weight or force on LED. Non metal material is recommended as it will absorb less heat during wave soldering process. • At elevated temperature, LED is more susceptible to mechanical stress. Therefore, PCB must allowed to cool down to room temperature prior to handling, which includes removal of alignment fixture or pallet. • If PCB board contains both through hole (TH) LED and other surface mount components, it is recommended that surface mount components be soldered on the top side of the PCB. If surface mount need to be on the bottom side, these components should be soldered using reflow soldering prior to insertion the TH LED. • Recommended PC board plated through holes (PTH) size for LED component leads. LED Component Lead Size Diagonal Plated Through- Hole Diameter Lead size (typ.) 0.45 × 0.45 mm (0.018 × 0.018 in.) 0.636 mm (0.025 in) 0.98 to 1.08 mm (0.039 to 0.043 in) Dambar shear- off area (max.) 0.65 mm (0.026 in) 0.919 mm (0.036 in) Lead size (typ.) 0.50 × 0.50 mm (0.020 × 0.020 in.) 0.707 mm (0.028 in) 1.05 to 1.15 mm (0.041 to 0.045 in) Dambar shear- off area (max.) 0.70 mm (0.028 in) 0.99 mm (0.039 in) Note: Refer to application note AN1027 for more information on soldering LED components. • Over-sizing the PTH can lead to twisted LED after clinching. On the other hand under sizing the PTH can cause difficulty inserting the TH LED. Refer to application note AN5334 for more information about soldering and handling of TH LED lamps. 1.59 mm |
유사한 부품 번호 - HLMP-1790 |
|
유사한 설명 - HLMP-1790 |