전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD12P10 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FQD12P10
상세설명  100V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD12P10 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FQD12P10 Datasheet HTML 1Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 2Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 3Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 4Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 5Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 6Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 7Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 8Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev. B1, January 2009
©2009 Fairchild Semiconductor Corporation
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 6.3mH, IAS = -9.4A, VDD = -25V, RG = 25 Ω, Starting TJ = 25°C
3. ISD " -11.5A, di/dt " 300A/µs, VDD " BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width " 300
µs, Duty cycle " 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = -250 µA
-100
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = -250 µA, Referenced to 25°C
--
-0.1
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -100 V, VGS = 0 V
--
--
-1
µA
VDS = -80 V, TC = 125°C
--
--
-10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = -30 V, VDS = 0 V
--
--
-100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = 30 V, VDS = 0 V
--
--
100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250 µA
-2.0
--
-4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = -10 V, ID = -4.7 A
--
0.24
0.29
gFS
Forward Transconductance
VDS = -40 V, ID = -4.7 A
--
6.3
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -25 V, VGS = 0 V,
f = 1.0 MHz
--
620
800
pF
Coss
Output Capacitance
--
220
290
pF
Crss
Reverse Transfer Capacitance
--
65
85
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = -50 V, ID = -11.5 A,
RG = 25 Ω
--
15
40
ns
tr
Turn-On Rise Time
--
160
330
ns
td(off)
Turn-Off Delay Time
--
35
80
ns
tf
Turn-Off Fall Time
--
60
130
ns
Qg
Total Gate Charge
VDS = -80 V, ID = -11.5 A,
VGS = -10 V
--
21
27
nC
Qgs
Gate-Source Charge
--
4.6
--
nC
Qgd
Gate-Drain Charge
--
11.5
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
-9.4
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
-37.6
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = -9.4 A
--
--
-4.0
V
trr
Reverse Recovery Time
VGS = 0 V, IS = -11.5 A,
dIF / dt = 100 A/µs
--
110
--
ns
Qrr
Reverse Recovery Charge
--
0.47
--
µC


유사한 부품 번호 - FQD12P10

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD12P10 FAIRCHILD-FQD12P10 Datasheet
624Kb / 9P
   100V P-Channel MOSFET
logo
Guangdong Kexin Industr...
FQD12P10 KEXIN-FQD12P10 Datasheet
2Mb / 4P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
FQD12P10 VBSEMI-FQD12P10 Datasheet
1,017Kb / 9P
   P-Channel 100 V (D-S) MOSFET
logo
Fairchild Semiconductor
FQD12P10TMF085 FAIRCHILD-FQD12P10TMF085 Datasheet
883Kb / 8P
   100V P-Channel MOSFET
More results

유사한 설명 - FQD12P10

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQPF12P10 FAIRCHILD-FQPF12P10 Datasheet
631Kb / 8P
   100V P-Channel MOSFET
FQAF17P10 FAIRCHILD-FQAF17P10 Datasheet
667Kb / 8P
   100V P-Channel MOSFET
FQD12P10TMF085 FAIRCHILD-FQD12P10TMF085 Datasheet
883Kb / 8P
   100V P-Channel MOSFET
logo
Unisonic Technologies
12P10 UTC-12P10 Datasheet
256Kb / 7P
   100V P-CHANNEL MOSFET
logo
Guangdong Kexin Industr...
KQD5P10 KEXIN-KQD5P10 Datasheet
63Kb / 2P
   100V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM22P10 KERSEMI-KSM22P10 Datasheet
1Mb / 6P
   100V P-Channel MOSFET
KSMD8P10TM_F085 KERSEMI-KSMD8P10TM_F085 Datasheet
995Kb / 6P
   100V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB5P10TM FAIRCHILD-FQB5P10TM Datasheet
680Kb / 9P
   100V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD5P10 KERSEMI-KSMD5P10 Datasheet
1Mb / 8P
   100V P-Channel MOSFET
KSMD8P10 KERSEMI-KSMD8P10 Datasheet
1Mb / 6P
   100V P-Channel MOSFET
logo
Fairchild Semiconductor
FQA17P10 FAIRCHILD-FQA17P10 Datasheet
676Kb / 8P
   100V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com