전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD850N10L 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FDD850N10L
상세설명  N-Channel PowerTrench MOSFET 100 V, 15.7 A, 75 m Ohm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD850N10L 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FDD850N10L Datasheet HTML 1Page - Fairchild Semiconductor FDD850N10L Datasheet HTML 2Page - Fairchild Semiconductor FDD850N10L Datasheet HTML 3Page - Fairchild Semiconductor FDD850N10L Datasheet HTML 4Page - Fairchild Semiconductor FDD850N10L Datasheet HTML 5Page - Fairchild Semiconductor FDD850N10L Datasheet HTML 6Page - Fairchild Semiconductor FDD850N10L Datasheet HTML 7Page - Fairchild Semiconductor FDD850N10L Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
©2010 Fairchild Semiconductor Corporation
FDD850N10L Rev. C0
Package Marking and Ordering Information
Electrical Characteristics T
C = 25
oC unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD850N10L
FDD850N10L
D-PAK
380mm
16mm
2500
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain to Source Breakdown Voltage
ID = 250μA, VGS = 0V
100
-
-
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = 250μA, Referenced to 25
oC-
0.1
-
V/oC
IDSS
Zero Gate Voltage Drain Current
VDS = 80V, VGS = 0V
-
-
1
μA
VDS = 80V, TC = 150
oC
-
-
500
IGSS
Gate to Body Leakage Current
VGS = ±20V, VDS = 0V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250μA1.0
-
2.5
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 12A
-
61
75
m
Ω
VGS = 5V, ID = 12A
-
64
96
m
Ω
gFS
Forward Transconductance
VDS = 10V, ID = 15.7A
-31
-
S
Ciss
Input Capacitance
VDS = 25V, VGS = 0V
f = 1MHz
-
1100
1465
pF
Coss
Output Capacitance
-
80
105
pF
Crss
Reverse Transfer Capacitance
-
42
-
pF
Qg(tot)
Total Gate Charge at 10V
VGS = 10V
VDS = 80V
ID = 15.7A
-
22.2
28.9
nC
Qg(tot)
Total Gate Charge at 5V
VGS = 5V
-
12.3
16.0
nC
Qgs
Gate to Source Gate Charge
-3.0
-
nC
Qgd
Gate to Drain “Miller” Charge
-
5.7
-
nC
td(on)
Turn-On Delay Time
VDD = 50V, ID = 15.7A
VGS = 5V, RGEN = 4.7Ω
(Note 4)
-17
44
ns
tr
Turn-On Rise Time
-
21
52
ns
td(off)
Turn-Off Delay Time
-
27
64
ns
tf
Turn-Off Fall Time
-
8
26
ns
ESR
Equivalent Series Resistance (G-S)
-
1.75
-
Ω
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
15.7
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
63
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, ISD = 12A
-
-
1.3
V
trr
Reverse Recovery Time
VGS = 0V, VDS = 80V, ISD = 15.7A
dIF/dt = 100A/μs
-38
-
ns
Qrr
Reverse Recovery Charge
-
50
-
nC
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 1mH, IAS = 9.1A, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 15.7A, di/dt ≤ 200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Essentially Independent of Operating Temperature Typical Characteristics


유사한 부품 번호 - FDD850N10L

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FDD850N10L ISC-FDD850N10L Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD850N10LD FAIRCHILD-FDD850N10LD Datasheet
813Kb / 11P
   BoostPak (N-Channel PowerTrench짰 MOSFET Diode)
More results

유사한 설명 - FDD850N10L

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDT86106LZ FAIRCHILD-FDT86106LZ Datasheet
360Kb / 6P
   N-Channel PowerTrench MOSFET 100 V, 3.2 A, 108 m Ohm
logo
ON Semiconductor
FDWS86068-F085 ONSEMI-FDWS86068-F085 Datasheet
156Kb / 6P
   N-Channel POWERTRENCH MOSFET 100 V, 80 A, 6.4 m
March, 2018 ??Rev. 2
HUF75652G3 ONSEMI-HUF75652G3 Datasheet
545Kb / 12P
   MOSFET ??Power, N-Channel, Ultrafet 100 V, 75 A, 8 m
March, 2020 ??Rev. 3
logo
Fairchild Semiconductor
FDD86326 FAIRCHILD-FDD86326 Datasheet
171Kb / 6P
   N-Channel Shielded Gate PowerTrench MOSFET 80 V, 37 A, 23 m Ohm
logo
ON Semiconductor
FDBL86066-F085 ONSEMI-FDBL86066-F085 Datasheet
483Kb / 8P
   N?륝hannel POWERTRENCH MOSFET 100 V, 240 A, 4.1 m
January, 2018 ??Rev. 2
logo
Fairchild Semiconductor
FDMS7570S FAIRCHILD-FDMS7570S Datasheet
347Kb / 8P
   N-Channel PowerTrench SyncFETTM 25 V, 49 A, 1.95 m Ohm
logo
ON Semiconductor
FDC642P-F085 ONSEMI-FDC642P-F085 Datasheet
1Mb / 9P
   MOSFET ??P-Channel, POWERTRENCH -20 V, -4 A, 100 m
September, 2020 ??Rev. 3
logo
Fairchild Semiconductor
FDMS7608S FAIRCHILD-FDMS7608S Datasheet
386Kb / 12P
   Dual N-Channel PowerTrench MOSFET Q1: 30 V, 22 A, 10.0 m Ohm Q2: 30 V, 30 A, 6.3 m Ohm
logo
ON Semiconductor
HUF75645P3 ONSEMI-HUF75645P3 Datasheet
465Kb / 11P
   N-Channel UltraFET Power MOSFET 100 V, 75 A, 14 m廓
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDMC86106LZ FAIRCHILD-FDMC86106LZ_13 Datasheet
278Kb / 7P
   N-Channel Shielded Gate PowerTrench MOSFET 100 V, 7.5 A, 103 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com