전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT125CSJ 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 74ABT125CSJ
상세설명  Quad Buffer with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT125CSJ 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  74ABT125CSJ Datasheet HTML 1Page - Fairchild Semiconductor 74ABT125CSJ Datasheet HTML 2Page - Fairchild Semiconductor 74ABT125CSJ Datasheet HTML 3Page - Fairchild Semiconductor 74ABT125CSJ Datasheet HTML 4Page - Fairchild Semiconductor 74ABT125CSJ Datasheet HTML 5Page - Fairchild Semiconductor 74ABT125CSJ Datasheet HTML 6Page - Fairchild Semiconductor 74ABT125CSJ Datasheet HTML 7Page - Fairchild Semiconductor 74ABT125CSJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©1994 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT125 Rev. 1.4.0
2
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Note:
1. Either voltage limit or current limit is sufficient to protect inputs.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Rating
TSTG
Storage Temperature
–65°C to +150°C
TA
Ambient Temperature Under Bias
–55°C to +125°C
TJ
Junction Temperature Under Bias
–55°C to +150°C
VCC
VCC Pin Potential to Ground Pin
–0.5V to +7.0V
VIN
Input Voltage(1)
–0.5V to +7.0V
IIN
Input Current(1)
–30mA to +5.0mA
VO
Voltage Applied to Any Output
Disabled or Power-Off State
–0.5V to 5.5V
HIGH State
–0.5V to VCC
Current Applied to Output in LOW State (Max.)
twice the rated IOL (mA)
DC Latchup Source Current (Across Comm Operating Range)
–300mA
Over Voltage Latchup (I/O)
10V
Symbol
Parameter
Rating
TA
Free Air Ambient Temperature
–40°C to +85°C
VCC
Supply Voltage
+4.5V to +5.5V
∆V / ∆t
Minimum Input Edge Rate
Data Input
50mV/ns
Enable Input
20mV/ns


유사한 부품 번호 - 74ABT125CSJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ABT125CSJ FAIRCHILD-74ABT125CSJ Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
More results

유사한 설명 - 74ABT125CSJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
MC74AC125 ONSEMI-MC74AC125 Datasheet
92Kb / 8P
   Quad Buffer with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC125MTCX FAIRCHILD-74AC125MTCX Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
74AC125 FAIRCHILD-74AC125_08 Datasheet
309Kb / 10P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT125 AVG-DV74ACT125 Datasheet
279Kb / 4P
   Quad Buffer with 3-State Outputs
logo
Fairchild Semiconductor
74ABT125 FAIRCHILD-74ABT125 Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125_15 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74AC126 MOTOROLA-MC74AC126 Datasheet
150Kb / 5P
   Quad Buffer With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com