전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD40106BCM 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 CD40106BCM
상세설명  Hex Schmitt Trigger
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD40106BCM 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  CD40106BCM Datasheet HTML 1Page - Fairchild Semiconductor CD40106BCM Datasheet HTML 2Page - Fairchild Semiconductor CD40106BCM Datasheet HTML 3Page - Fairchild Semiconductor CD40106BCM Datasheet HTML 4Page - Fairchild Semiconductor CD40106BCM Datasheet HTML 5Page - Fairchild Semiconductor CD40106BCM Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. They are not meant to imply
that the devices should be operated at these limits. The table of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provides
conditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 3)
Note 3: IOH and IOL are tested one output at a time.
DC Supply Voltage (VDD)
−0.5 to +18 V
DC
Input Voltage (VIN)
−0.5 to V
DD +0.5 VDC
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
DC Supply Voltage (VDD)
3 to 15 VDC
Input Voltage (VIN)0 to VDD VDC
Operating Temperature Range (TA)
−55°C to +125°C
Symbol
Parameter
Conditions
−55°C
+25°C
+125°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD = 5V
1.0
1.0
30
µA
VDD = 10V
2.0
2.0
60
VDD = 15V
4.0
4.0
120
VOL
LOW Level Output
|IO| < 1 µA
V
Voltage
VDD = 5V
0.05
0.05
0.05
VDD = 10V
0.05
0.05
0.05
VDD = 15V
0.05
0.05
0.05
VOH
HIGH Level Output
|IO| < 1 µA
V
Voltage
VDD = 5V
4.95
4.95
5
4.95
VDD = 10V
9.95
9.95
10
0.95
VDD = 15V
14.95
14.95
15
14.95
VT−
Negative-Going Threshold
VDD = 5V, VO = 4.5V
0.7
2.0
0.7
1.4
2.0
0.7
2.0
V
Voltage
VDD = 10V, VO = 9V
1.4
4.0
1.4
3.2
4.0
1.4
4.0
VDD = 15V, VO = 13.5V
2.1
6.0
2.1
5.0
6.0
2.1
6.0
VT+
Positive-Going Threshold
VDD = 5V, VO = 0.5V
3.0
4.3
3.0
3.6
4.3
3.0
4.3
V
Voltage
VDD = 10V, VO = 1V
6.0
8.6
6.0
6.8
8.6
6.0
8.6
VDD = 15V, VO = 1.5V
9.0
12.9
9.0
10.0
12.9
9.0
12.9
VH
Hysteresis (VT+ − VT−)VDD = 5V
1.0
3.6
1.0
2.2
3.6
1.0
3.6
V
Voltage
VDD = 10V
2.0
7.2
2.0
3.6
7.2
2.0
7.2
VDD = 15V
3.0
10.8
3.0
5.0
10.8
3.0
10.8
IOL
LOW Level Output
VDD = 5V, VO = 0.4V
0.64
0.51
0.88
0.36
mA
Current (Note 3)
VDD = 10V, VO = 0.5V
1.6
1.3
2.25
0.9
VDD = 15V, VO = 1.5V
4.2
3.4
8.8
2.4
IOH
HIGH Level Output
VDD = 5V, VO = 4.6V
−0.64
−0.51 −0.88
−0.36
mA
Current (Note 3)
VDD = 10V, VO = 9.5V
−1.6
−1.3
−2.25
−0.9
VDD = 15V, VO = 13.5V
−4.2
−3.4
−8.8
−2.4
IIN
Input Current
VDD = 15V, VIN = 0V
−0.1
−10−5
−0.1
−1.0
µA
VDD = 15V, VIN = 15V
0.1
10−5
0.1
1.0


유사한 부품 번호 - CD40106BCM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
CD40106BCM FAIRCHILD-CD40106BCM Datasheet
66Kb / 6P
   Hex Schmitt Trigger
CD40106BCM FAIRCHILD-CD40106BCM Datasheet
71Kb / 6P
   Hex Schmitt Trigger
More results

유사한 설명 - CD40106BCM

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B Datasheet
163Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
MC14106B ONSEMI-MC14106B_14 Datasheet
126Kb / 8P
   Hex Schmitt Trigger
August, 2014 ??Rev. 10
logo
Fairchild Semiconductor
MM74C14 FAIRCHILD-MM74C14 Datasheet
63Kb / 6P
   Hex Schmitt Trigger
MM74C14MX FAIRCHILD-MM74C14MX Datasheet
69Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_06 Datasheet
152Kb / 10P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14106B ONSEMI-MC14106B Datasheet
182Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
logo
Rohm
BU4584B ROHM-BU4584B Datasheet
46Kb / 4P
   Hex Schmitt trigger
logo
National Semiconductor ...
CD40106BM NSC-CD40106BM Datasheet
134Kb / 6P
   Hex Schmitt Trigger
MM54C14 NSC-MM54C14 Datasheet
124Kb / 6P
   Hex Schmitt Trigger
logo
Fairchild Semiconductor
CD40106BC FAIRCHILD-CD40106BC_03 Datasheet
71Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B_06 Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com