전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-P105 데이터시트(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-P105
상세설명  Subminiature LED Lamps nondiff used dome for high brightness
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-P105 데이터시트(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-P105 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-P105 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-P105 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-P105 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-P105 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-P105 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-P105 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-P105 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-P105 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
DH AS AlGaAs Red
Device
HLMP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
P102-F00xx
1.0
20.0
P105-L00xx
10.0
30.0
P105-NP000
25
80
Q100-M00xx
16
45
Q100-N00xx
Luminous Intensity
IV
25.0
45.0
mcd
IF = 20 mA
Q100-PQ000
40
125
Q105-P00xx
40
200
Q105-ST000
160
500
Q150-F00xx
1.0
1.8
IF = 1 mA
Q155-F00xx
1.0
4.0
Q100
Forward Voltage
VF
1.8
2.2
V
IF = 20 mA
Q150/Q155
1.6
1.8
IF = 1 mA
All
Reverse Breakdown Voltage
VR
5.0
15.0
V
IR = 100 μA
P105
125
Q100/Q150
Included Angle Between
2
1/2
90
Deg.
Q105/Q155
Half Intensity Points[2]
28
Peak Wavelength
PEAK
645
nm
Measured at Peak
Dominant Wavelength[3]
d
637
nm
Spectral Line Half Width
1/2
20
nm
All
Speed of Response
s
30
ns
Exponential Time
Constant; e-t/s
Capacitance
C
30
pF
VF = 0; f = 1 MHz
Thermal Resistance
R
J-PIN
170
°C/W
Junction-to Cathode Lead
Luminous Efficacy[4]
v
80
lm/W


유사한 부품 번호 - HLMP-P105

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-P105 HP-HLMP-P105 Datasheet
152Kb / 16P
   Subminiature LED Lamps
logo
Broadcom Corporation.
HLMP-P105 BOARDCOM-HLMP-P105 Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
Agilent(Hewlett-Packard...
HLMP-P105-L0000 HP-HLMP-P105-L0000 Datasheet
152Kb / 16P
   Subminiature LED Lamps
HLMP-P105-L0011 HP-HLMP-P105-L0011 Datasheet
152Kb / 16P
   Subminiature LED Lamps
HLMP-P105-L00XX HP-HLMP-P105-L00XX Datasheet
152Kb / 16P
   Subminiature LED Lamps
More results

유사한 설명 - HLMP-P105

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Q105-P0031 AVAGO-HLMP-Q105-P0031 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6400-F0011 AVAGO-HLMP-6400-F0011 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-7019 AVAGO-HLMP-7019 Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Broadcom Corporation.
HLMP-PXXX BOARDCOM-HLMP-PXXX Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-6820-F0010 AVAGO-HLMP-6820-F0010 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6620-F001S AVAGO-HLMP-6620-F001S Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-6000-E00XX HP-HLMP-6000-E00XX Datasheet
152Kb / 16P
   Subminiature LED Lamps
logo
Micro Electronics
MSB34XA MICRO-ELECTRONICS-MSB34XA Datasheet
102Kb / 2P
   3mm CYLINDRIC HIGH BRIGHTNESS LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMA-PH00 HP-HLMA-PH00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
HLMA-PF00 HP-HLMA-PF00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com