전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-P105BP000 데이터시트(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-P105BP000
상세설명  Subminiature LED Lamps nondiff used dome for high brightness
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-P105BP000 데이터시트(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-P105BP000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-P105BP000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-P105BP000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-P105BP000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-P105BP000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-P105BP000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-P105BP000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-P105BP000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-P105BP000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
0.50 (0.020) REF.
0.94
1.24
(0.037)
(0.049)
2.92 (0.115)
MAX.
0.76
0.89
(0.030)
(0.035)
R.
0.63
0.38
(0.025)
(0.015)
2.03 (0.080)
1.78 (0.070)
0.79 (0.031)
0.53 (0.021)
0.46
0.56
(0.018)
(0.022)
0.25 (0.010) MAX.
NOTE 2
0.20 (0.008) MAX.
CATHODE
1.65
1.91
(0.065)
(0.075)
DIA.
ANODE
11.68
10.67
(0.460)
(0.420)
BOTH SIDES
0.18
0.23
(0.007)
(0.009)
2.08
2.34
(0.082)
(0.092)
CATHODE
STRIPE
2.21
1.96
(0.087)
(0.077)
(B) Diffused and Nondiffused
Figure 1. Proper right angle mounting to a PC board to prevent protruding cathode tab from shorting to anode connection.
Package Dimensions
(A) Flat Top Lamps
NO. ANODE DOWN.
YES. CATHODE DOWN.
CATHODE
TAB
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETRES (INCHES).
2. PROTRUDING SUPPORT TAB IS CONNECTED TO CATHODE LEAD.
3. LEAD POLARITY FOR AlGaAs LAMPS IS OPPOSITE TO THE LEAD
POLARITY OF SUBMINIATURE LAMPS USING OTHER TECHNOLOGIES.
0.46
0.56
(0.018)
(0.022)
1.40
1.65
(0.055)
(0.065)
0.25 (0.010) MAX.
NOTE 2
0.20 (0.008) MAX.
0.50 (0.020) REF.
CATHODE
1.65
1.91
(0.065)
(0.075)
DIA.
ANODE
11.68
10.67
(0.460)
(0.420)
BOTH SIDES
1.14
1.40
(0.045)
(0.055)
0.63
0.38
(0.025)
(0.015)
2.21
1.96
(0.087)
(0.077)
0.18
0.23
(0.007)
(0.009)
0.79 (0.031) MAX.
2.44
1.88
(0.096)
(0.074)
2.08
2.34
(0.082)
(0.092)
CATHODE
STRIPE


유사한 부품 번호 - HLMP-P105BP000

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-P105 HP-HLMP-P105 Datasheet
152Kb / 16P
   Subminiature LED Lamps
logo
Broadcom Corporation.
HLMP-P105 BOARDCOM-HLMP-P105 Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
Agilent(Hewlett-Packard...
HLMP-P105-L0000 HP-HLMP-P105-L0000 Datasheet
152Kb / 16P
   Subminiature LED Lamps
HLMP-P105-L0011 HP-HLMP-P105-L0011 Datasheet
152Kb / 16P
   Subminiature LED Lamps
HLMP-P105-L00XX HP-HLMP-P105-L00XX Datasheet
152Kb / 16P
   Subminiature LED Lamps
More results

유사한 설명 - HLMP-P105BP000

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Q105-P0031 AVAGO-HLMP-Q105-P0031 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6400-F0011 AVAGO-HLMP-6400-F0011 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-7019 AVAGO-HLMP-7019 Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Broadcom Corporation.
HLMP-PXXX BOARDCOM-HLMP-PXXX Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-6820-F0010 AVAGO-HLMP-6820-F0010 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6620-F001S AVAGO-HLMP-6620-F001S Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-6000-E00XX HP-HLMP-6000-E00XX Datasheet
152Kb / 16P
   Subminiature LED Lamps
logo
Micro Electronics
MSB34XA MICRO-ELECTRONICS-MSB34XA Datasheet
102Kb / 2P
   3mm CYLINDRIC HIGH BRIGHTNESS LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMA-PH00 HP-HLMA-PH00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
HLMA-PF00 HP-HLMA-PF00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com