전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-540K 데이터시트(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-540K
상세설명  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-540K 데이터시트(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-540K Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-540K Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Notes:
1. Not to exceed 5% duty factor, not to exceed 50
sec pulse width.
2. All devices are considered two-terminal devices: measured between
all input leads or terminals shorted together and all output leads or
terminals shorted together.
3. This is a momentary withstand test, not an operating condition.
4. tPHL propagation delay is measured from the 50% point on the rising
edge of the input current pulse to the 1.5 V point on the falling edge
of the output pulse. The tPLH propagation delay is measured from the
50% point on the falling edge of the input current pulse to the 1.5 V
point on the rising edge of the output pulse. Pulse Width Distortion,
PWD = |tPHL - tPLH|.
5. CML is the maximum slew rate of the common mode voltage that can
be sustained with the output voltage in the logic low state (VO(MAX)
< 0.8 V). CMH is the maximum slew rate of the common mode voltage
that can be sustained with the output voltage in the logic high state
(VO(MIN) > 2.0 V).
6. Duration of output short circuit time not to exceed 10 ms.
7. Power Supply Noise Immunity is the peak to peak amplitude of the
ac ripple voltage on the VCC line that the device will withstand and
still remain in the desired logic state. For desired logic high state,
VOH(MIN) > 2.0 V, and for desired logic low state, VOL(MAX) < 0.8 V.
8. Measured between adjacent input pairs shorted together for each
multichannel device.
9. Each channel.
10. Standard parts receive 100% testing at 25° C (Subgroups 1 and 9).
SMD, Class H and Class K parts receive 100% testing at 25° C, 125° C,
and -55° C (Subgroups 1 and 9, 2 and 10, 3 and 11, respectively).
11. Parameters are tested as part of device initial characterization and
after design and process changes. Parameters are guaranteed to
limits specified for all lots not specifically tested.
12. Propagation delay skew is defined as the difference between the
minimum and maximum propagation delays for any given group of
optocouplers with the same part number that are all switching at the
same time under the same operating conditions.
13. The HCPL-6430, HCPL-6431, and HCPL-643K dual channel parts
function as two independent single channel units. Use the single
channel parameter limits.
Typical Characteristics
All typical values are at TA = 25°C, VCC = 5 V, IF = 8 mA, unless otherwise specified.
Parameter
Symbol
Typ.
Units
Test Conditions
Fig.
Notes
Input Current Hysteresis
IHYS
0.25
mA
VCC = 5 V
3
Input Diode Temperature Coefficient
VF
TA
-1.11
mV/°C
IF = 10 mA
4
Resistance (Input-Output)
RI-O
1012
VI-O = 500 V
2
Capacitance (Input-Output)
CI-O
0.6
pF
f = 1 MHz, VI-O = 0 V
2
Logic Low Short Circuit Output Current
IOSL
65
mA
VO = VCC = 5.25 V, IF = 10 mA
6, 9
Logic High Short Circuit Output Current
IOSH
-50
mA
VCC = 5.25 V, IF = 0 mA,
VO = GND
6, 9
Output Rise Time (10-90%)
tr
15
ns
5
Output Fall Time (90-10%)
tf
10
ns
5
Propagation Delay Skew
tPSK
30
ns
10
12
Power Supply Noise Immunity
PSNI
0.5
VP-P
48 Hz ≤ fac ≤ 50 MHz
7
Single Channel Product Only
Parameter
Symbol
Typ.
Units
Test Conditions
Fig.
Notes
Input Capacitance
CIN
15
pF
f = 1 MHz, VF = 0 V,
Pins 2 and 3
Output Enable Time to Logic High
tPZH
15
ns
8, 9
Output Enable Time to Logic Low
tPZL
30
ns
8, 9
Output Disable Time from Logic High
tPHZ
20
ns
8, 9
Output Disable Time from Logic Low
tPLZ
15
ns
8, 9
Dual and Quad Channel Product Only
Input Capacitance
CIN
15
pF
f = 1 MHz, VO = 0 V
Input-Input Leakage Current
II-I
0.5
nA
RH ≤ 65%, VI-I = 500 Vdc
8
Input-Input Resistance
RI-I
1012
VI-I = 500 V
8
Input-Input Capacitance
CI-I
1.3
pF
f = 1 MHz, VF = 0 V
8


유사한 부품 번호 - HCPL-540K

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-540K HP-HCPL-540K Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results

유사한 설명 - HCPL-540K

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
6N134 HP-6N134 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com