전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-5430 데이터시트(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-5430
상세설명  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5430 데이터시트(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-5430 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-5430 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5430 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5430 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5430 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5430 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-5430 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-5430 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-5430 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
GND
VCC
IF
5.0 V
D.U.T.
1.3 K
Ω
PULSE
GENERATOR
ZO = 50
Ω
tr = tf = 5 ns
C1
30 pF
INPUT VE
MONITORING
NODE
VCC
D1
D2
2.5 K
Ω
D3
D4
S2
S1
VO
8
7
6
5
1
2
3
4
0.1 µF
Figure 8. Test circuit for tPHZ, tPZH, tPLZ, and tPZL. (single channel product only)
Figure 5. Test circuit for tPLH, tPHL, tr, and tf
Figure 6. Typical propagation delay vs. ambient temperature
Figure 7. Typical propagation delay vs. input forward current
GND
VCC
IF
5.0 V
D.U.T.
1.3 K
Ω
INPUT
MONITORING
NODE
PULSE GEN.
tr = tf = 5 ns
f = 500 kHz
25 % DUTY
CYCLE
30 pF
C2
THE PROBE AND JIG CAPACITANCES
ARE REPRESENTED BY C1 AND C2.
ALL DIODES ARE 1N4150 OR EQUIVALENT.
VO
OUTPUT
MONITORING
NODE
VCC
2.5 K
Ω
C1
15 pF
100
Ω
0.1 µF


유사한 부품 번호 - HCPL-5430

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-5430 HP-HCPL-5430 Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results

유사한 설명 - HCPL-5430

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
6N134 HP-6N134 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com