전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP460BPBF 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 IRFP460BPBF
상세설명  D Series Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFP460BPBF 데이터시트(HTML) 1 Page - Vishay Siliconix

  IRFP460BPBF Datasheet HTML 1Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 2Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 3Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 4Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 5Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 6Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 7Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 8Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRFP460B, SiHG460B
www.vishay.com
Vishay Siliconix
S12-0812-Rev. B, 16-Apr-12
1
Document Number: 91502
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
D Series Power MOSFET
FEATURES
•Optimal Design
- Low Area Specific On-Resistance
- Low Input Capacitance (Ciss)
- Reduced Capacitive Switching Losses
- High Body Diode Ruggedness
- Avalanche Energy Rated (UIS)
• Optimal Efficiency and Operation
- Low Cost
- Simple Gate Drive Circuitry
- Low Figure-of-Merit (FOM): Ron x Qg
- Fast Switching
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
* Lead (Pb)-containing terminations are not RoHS-compliant.
Exemptions may apply.
APPLICATIONS
• Consumer Electronics
- Displays (LCD or Plasma TV)
• Server and Telecom Power Supplies
- SMPS
• Industrial
- Welding
- Induction Heating
- Motor Drives
• Battery Chargers
•SMPS
- Power Factor Correction (PFC)
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature.
b. VDD = 50 V, starting TJ = 25 °C, L = 10 mH, Rg = 25 , IAS = 7.5 A.
c. 1.6 mm from case.
d. ISD  ID, starting TJ = 25 °C.
PRODUCT SUMMARY
VDS (V) at TJ max.
550
RDS(on) max. at 25 °C ()VGS = 10 V
0.25
Qg max. (nC)
170
Qgs (nC)
14
Qgd (nC)
28
Configuration
Single
N-Channel MOSFET
G
D
S
TO-247AC
G
D
S
ORDERING INFORMATION
Package
TO-247AC
Lead (Pb)-free
IRFP460BPbF
Lead (Pb)-free and Halogen-free
SiHG460B-GE3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
500
V
Gate-Source Voltage
VGS
± 20
Gate-Source Voltage AC (f > 1 Hz)
30
Continuous Drain Current (TJ = 150 °C)
VGS at 10 V
TC = 25 °C
ID
20
A
TC = 100 °C
13
Pulsed Drain Currenta
IDM
62
Linear Derating Factor
2.2
W/°C
Single Pulse Avalanche Energyb
EAS
281
mJ
Maximum Power Dissipation
PD
278
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Drain-Source Voltage Slope
TJ = 125 °C
dV/dt
24
V/ns
Reverse Diode dV/dtd
0.36
Soldering Recommendations (Peak Temperature)
for 10 s
300c
°C


유사한 부품 번호 - IRFP460BPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP460BPBF VISHAY-IRFP460BPBF Datasheet
214Kb / 10P
   D Series Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRFP460BPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SIHP14N50D VISHAY-SIHP14N50D Datasheet
165Kb / 9P
   D Series Power MOSFET
Rev. A, 21-May-12
SIHB8N50D VISHAY-SIHB8N50D Datasheet
155Kb / 7P
   D Series Power MOSFET
Rev. A, 21-Jan-13
SIHB10N40D VISHAY-SIHB10N40D_V01 Datasheet
157Kb / 7P
   D Series Power MOSFET
01-Jan-2022
SIHF6N40D VISHAY-SIHF6N40D_V01 Datasheet
182Kb / 9P
   D Series Power MOSFET
01-Jan-2022
SIHP17N60D VISHAY-SIHP17N60D_V01 Datasheet
178Kb / 8P
   D Series Power MOSFET
01-Jan-2022
SIHU3N50DA VISHAY-SIHU3N50DA Datasheet
203Kb / 10P
   D Series Power MOSFET
01-Jan-2022
SIHS36N50D VISHAY-SIHS36N50D Datasheet
174Kb / 8P
   D Series Power MOSFET
Rev. A, 18-Jun-12
SIHF18N50D VISHAY-SIHF18N50D Datasheet
179Kb / 8P
   D Series Power MOSFET
Rev. B, 15-Aug-16
SIHU3N50D VISHAY-SIHU3N50D Datasheet
187Kb / 8P
   D Series Power MOSFET
Rev. A, 02-Apr-12
SIHU5N50D VISHAY-SIHU5N50D Datasheet
187Kb / 8P
   D Series Power MOSFET
Rev. A, 02-Apr-12
IRFP460B VISHAY-IRFP460B Datasheet
186Kb / 8P
   D Series Power MOSFET
Rev. B, 16-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com