전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP460BPBF 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 IRFP460BPBF
상세설명  D Series Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFP460BPBF 데이터시트(HTML) 2 Page - Vishay Siliconix

  IRFP460BPBF Datasheet HTML 1Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 2Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 3Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 4Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 5Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 6Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 7Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 8Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFP460B, SiHG460B
www.vishay.com
Vishay Siliconix
S12-0812-Rev. B, 16-Apr-12
2
Document Number: 91502
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Coss(er) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 % to 80 % VDS.
b. Coss(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 % to 80 % VDS.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-40
°C/W
Maximum Junction-to-Case (Drain)
RthJC
-0.45
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
500
-
-
V
VDS Temperature Coefficient
V
DS/TJ
Reference to 25 °C, ID = 250 μA
-0.56
-
V/°C
Gate-Source Threshold Voltage (N)
VGS(th)
VDS = VGS, ID = 250 μA
2
-
4
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 500 V, VGS = 0 V
-
-
1
μA
VDS = 400 V, VGS = 0 V, TJ = 125 °C
-
-
10
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 10 A
-
0.2
0.25
Forward Transconductance
gfs
VDS = 50 V, ID = 10 A
-
12
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 100 V,
f = 1 MHz
-
3094
-
pF
Output Capacitance
Coss
-
152
-
Reverse Transfer Capacitance
Crss
-13
-
Effective output capacitance, energy
relateda
Co(er)
VGS = 0 V,
VDS = 0 V to 400 V
-
131
-
Effective output capacitance, time
relatedb
Co(tr)
-
189
-
Total Gate Charge
Qg
VGS = 10 V
ID = 10 A, VDS = 400 V
-
85
170
nC
Gate-Source Charge
Qgs
-14
-
Gate-Drain Charge
Qgd
-28
-
Turn-On Delay Time
td(on)
VDD = 400 V, ID = 10 A,
VGS = 10 V, Rg = 9.1 
-24
50
ns
Rise Time
tr
-31
62
Turn-Off Delay Time
td(off)
-
117
176
Fall Time
tf
-
56
112
Gate Input Resistance
Rg
f = 1 MHz, open drain
-
1.8
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
20
A
Pulsed Diode Forward Current
ISM
--
80
Diode Forward Voltage
VSD
TJ = 25 °C, IS = 10 A, VGS = 0 V
-
-
1.2
V
Reverse Recovery Time
trr
TJ = 25 °C, IF = IS = 10 A,
dI/dt = 100 A/μs, VR = 20 V
-
437
-
ns
Reverse Recovery Charge
Qrr
-5.9
-
μC
Reverse Recovery Current
IRRM
-25
-
A
S
D
G


유사한 부품 번호 - IRFP460BPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP460BPBF VISHAY-IRFP460BPBF Datasheet
214Kb / 10P
   D Series Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRFP460BPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SIHP14N50D VISHAY-SIHP14N50D Datasheet
165Kb / 9P
   D Series Power MOSFET
Rev. A, 21-May-12
SIHB8N50D VISHAY-SIHB8N50D Datasheet
155Kb / 7P
   D Series Power MOSFET
Rev. A, 21-Jan-13
SIHB10N40D VISHAY-SIHB10N40D_V01 Datasheet
157Kb / 7P
   D Series Power MOSFET
01-Jan-2022
SIHF6N40D VISHAY-SIHF6N40D_V01 Datasheet
182Kb / 9P
   D Series Power MOSFET
01-Jan-2022
SIHP17N60D VISHAY-SIHP17N60D_V01 Datasheet
178Kb / 8P
   D Series Power MOSFET
01-Jan-2022
SIHU3N50DA VISHAY-SIHU3N50DA Datasheet
203Kb / 10P
   D Series Power MOSFET
01-Jan-2022
SIHS36N50D VISHAY-SIHS36N50D Datasheet
174Kb / 8P
   D Series Power MOSFET
Rev. A, 18-Jun-12
SIHF18N50D VISHAY-SIHF18N50D Datasheet
179Kb / 8P
   D Series Power MOSFET
Rev. B, 15-Aug-16
SIHU3N50D VISHAY-SIHU3N50D Datasheet
187Kb / 8P
   D Series Power MOSFET
Rev. A, 02-Apr-12
SIHU5N50D VISHAY-SIHU5N50D Datasheet
187Kb / 8P
   D Series Power MOSFET
Rev. A, 02-Apr-12
IRFP460B VISHAY-IRFP460B Datasheet
186Kb / 8P
   D Series Power MOSFET
Rev. B, 16-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com