전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLP2ADN121HL4 데이터시트(PDF) 3 Page - Murata Manufacturing Co., Ltd.

부품명 DLP2ADN121HL4
상세설명  SMD/BLOCK Type EMI Suppression Filters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLP2ADN121HL4 데이터시트(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  DLP2ADN121HL4 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DLP2ADN121HL4 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DLP2ADN121HL4 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DLP2ADN121HL4 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DLP2ADN121HL4 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DLP2ADN121HL4 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DLP2ADN121HL4 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DLP2ADN121HL4 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DLP2ADN121HL4 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
150
DLp
Series Introduction
Common Mode Current
Differential Mode Current
Magnetic flux by common mode current is
added each other and works as an inductor
DLP11SA
DLW21SN_HQ2
DLP0NS
DLP11SN
DLP2AD
DLW21SN_SQ2
DLW31S
DLW21H
DLP31S
DLP31D
DLW5AH
DLW5BS
DLW5BT
DLM11G
DLM2HG
High cut-off frequency
High Coupling
(For high speed
differential signal lines)
Ultra high cut-off
frequency
for high speed
differential signal lines
High cut-off frequency
for high speed
differential signal lines
for general differential
signal lines
Film type
Film type
Film type
Wound type
Wound type
Wound type
Multilayer
type
Large current
High coupling
(For power lines)
Relative high differential
mode impedance
Low coupling
(For audio lines)
· Low profile, small size, suitable for mobile
equipments.
· Tight terminal pitch enables high density layout.
· Ultra high cut-off frequency and its matching to line
impedance enables good transmission of high
speed signal.
· Ultra high self resonance frequency enables high
cut-off frequency.
· Its matching to line impedance enables good
transmission of high speed signal.
· Low profile, small size, suitable for mobile
equipments.
· Tight terminal pitch enables high density layout.
· High cut-off frequency enables good transmission
of high speed signal.
· Ultra high self resonance frequency enables high
cut-off frequency.
· DLW21H is designed as low profile.
· Low profile,small size, suitable for mobile
equipments.
· Tight terminal pitch enables high density layout.
· Large current (6A max.), suitable for input
connector from an AC adaptor.
· DLW5BT is designed as low profile.
· Modified its differential mode impedance higher
than other common mode choke coils, this feature
makes possible to suppress both common mode
and differential mode noise.
· DLM11GN601SD2 is ideal to keep low distortion
audio signal.
· DLM2HG can meet stereo 3 lines which contain a
ground line.
Category
Features,
Classification
Structure
Part Number
Comments
PLT10HH
Winding type
Cased structure
Large current
Automotive Available
(For power lines)
· Large current, high reliability, suitable for mortors in
automobile.
Magnetic flux by differential mode current is
canceled each other and do not works as an
inductor
Available up to 10A


유사한 부품 번호 - DLP2ADN121HL4

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
DLP2ADN121HL4 MURATA-DLP2ADN121HL4 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
logo
Murata Manufacturing Co...
DLP2ADN121HL4 MURATA1-DLP2ADN121HL4 Datasheet
372Kb / 3P
   2 components are included in 2.0x1.0mm size
Last updated07/26/2022
logo
Murata Manufacturing Co...
DLP2ADN121HL4B MURATA-DLP2ADN121HL4B Datasheet
85Kb / 2P
   Common Mode Choke Coil Film Type (Array)
logo
Murata Manufacturing Co...
DLP2ADN121HL4B MURATA1-DLP2ADN121HL4B Datasheet
372Kb / 3P
   2 components are included in 2.0x1.0mm size
Last updated07/26/2022
logo
Murata Manufacturing Co...
DLP2ADN121HL4L MURATA-DLP2ADN121HL4L Datasheet
85Kb / 2P
   Common Mode Choke Coil Film Type (Array)
More results

유사한 설명 - DLP2ADN121HL4

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
NFM55PC155F1H4L MURATA-NFM55PC155F1H4L Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com