전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLW5BTN142SQ2 데이터시트(PDF) 9 Page - Murata Manufacturing Co., Ltd.

부품명 DLW5BTN142SQ2
상세설명  SMD/BLOCK Type EMI Suppression Filters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW5BTN142SQ2 데이터시트(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button DLW5BTN142SQ2 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
156
5A max, common mode choke coil for power lines.
DLW5AH/DLW5BSSeries (2014/2020 Size)
DLW Series
Universal Type [Power Lines/Signal Lines] Chip Common Mode Choke Coil
s Dimensions
s Equivalent Circuit
s Packaging
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
s Derating of Rated Current
DLW5AH
DLW5BS
DLW5BSN191
Refer to pages from p.176 to p.179 for mounting information.
DLW5AH/DLW5BS
Code
Packaging
Minimum
Quantity
L
180mm Reel Embossed Tape
400
K
330mm Reel Embossed Tape
1500
B
Bulk(Bag)
100
Code
Packaging
Minimum
Quantity
L
180mm Reel Embossed Tape
400
K
330mm Reel Embossed Tape
1500
B
Bulk(Bag)
100
DLW5BSN152SQ2p
1500ohm(Typ.)
1000mA
50Vdc
10M ohm
125Vdc
0.1ohm max.
DLW5BSN302SQ2p
3000ohm(Typ.)
500mA
50Vdc
10M ohm
125Vdc
0.3ohm max.
Operating Temperature Range: -25
°C to +85°C (DLW5AH), -40°C to +85°C (DLW5BS) Number of Circuit: 1
Part Number
Common Mode Impedance
(at 100MHz/20
°C)
Rated Current Rated Voltage
Insulation
Resistance
(min.)
Withstand Voltage DC Resistance
DLW5AHN402SQ2p
4000ohm(Typ.)
200mA
50Vdc
10M ohm
125Vdc
3.0ohm max.
DLW5BSN191SQ2p
190ohm(Typ.)
5000mA
50Vdc
10M ohm
125Vdc
0.02ohm max.
DLW5BSN351SQ2p
350ohm(Typ.)
2000mA
50Vdc
10M ohm
125Vdc
0.04ohm max.
DLW5BSN102SQ2p
1000ohm(Typ.)
1500mA
50Vdc
10M ohm
125Vdc
0.06ohm max.
(L) 5.0
±0.3
(W) 3.6
±0.3
0.5 min.
(2)
(1)
(4)
(3)
1.3
±0.3
1.3
±0.3
0.9
±0.3
Starting position of wiring should
be covered with resin.
*
*
*
(in mm)
: Electrode
(L) 5.0
±0.3
3.6
±0.3
(W) 5.0
±0.3
0.5 min.
(2)
(1)
(4)
(3) 1.3
±0.3
0.9
±0.3
* The marking to
indicate the product
direction can be
applicable.
(Optional)
(in mm)
: Electrode
Polarity Marking
Frequency (MHz)
100000
10000
1000
100
10
1
10
100
1000
DLW5AHN402SQ2
DLW5BSN302SQ2
DLW5BSN152SQ2
DLW5BSN102SQ2
DLW5BSN351SQ2
DLW5BSN191SQ2
Common mode
DLW5AHN402SQ2
DLW5BSN302SQ2
DLW5BSN152SQ2
DLW5BSN102SQ2
DLW5BSN351SQ2
DLW5BSN191SQ2
Differential mode
4.5
4.75
5
0
1020304050607080
75
°C85°C
90
100
Operating Temperature (
°C)
DLW5BSN191SQ2 Temperature Derating
(1)
(4)
(2)
(3)
No polarity.
(1)
(4)
(2)
(3)
No polarity.


유사한 부품 번호 - DLW5BTN142SQ2

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
DLW5BTN142SQ2 MURATA-DLW5BTN142SQ2 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
DLW5BTN142SQ2B MURATA-DLW5BTN142SQ2B Datasheet
69Kb / 2P
   Common Mode Choke Coil Wire Wound Type for Large Current DLW5BT Series (2020 Size)
DLW5BTN142SQ2K MURATA-DLW5BTN142SQ2K Datasheet
69Kb / 2P
   Common Mode Choke Coil Wire Wound Type for Large Current DLW5BT Series (2020 Size)
DLW5BTN142SQ2L MURATA-DLW5BTN142SQ2L Datasheet
69Kb / 2P
   Common Mode Choke Coil Wire Wound Type for Large Current DLW5BT Series (2020 Size)
More results

유사한 설명 - DLW5BTN142SQ2

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
NFM55PC155F1H4L MURATA-NFM55PC155F1H4L Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com