전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5093MTCX 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FAN5093MTCX
상세설명  Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5093MTCX 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5093MTCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
FAN5093
PRODUCT SPECIFICATION
6
REV. 1.1.0 3/27/03
Typical Operating Characteristics
(VCC = 12V, VOUT = 1.475V, and TA = +25°C using circuit in Figure 2, unless otherwise noted.)
EFFICIENCY VS. OUTPUT CURRENT
LOAD CURRENT (A)
HIGH-SIDE GATE DRIVES, RISE / FALL TIME
HIGH-SIDE GATE DRIVES, E*-MODE
ADAPTIVE GATE DELAY
HIGH-SIDE GATE DRIVES, NORMAL OPERATION
LOW-SIDE GATE DRIVES, RISE / FALL TIME
CH1: HDRVB
CH2: HDRVA
40A Load
CH1: HDRVB
40A Load
CH1: HDRVB
CH2: HDRVA
10A Load
CH1: HDRVB
CH2: LDRVB
40A Load
CH1: LDRVB
40A Load
70
75
80
85
90
010
20
3040
50
6070
80
2 Phase Mode
E* Mode


유사한 부품 번호 - FAN5093MTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5093 FAIRCHILD-FAN5093 Datasheet
578Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
More results

유사한 설명 - FAN5093MTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5090 FAIRCHILD-FAN5090 Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5093 FAIRCHILD-FAN5093 Datasheet
578Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5193 FAIRCHILD-FAN5193 Datasheet
524Kb / 21P
   Two Phase Interleaved Synchronous Buck Converter
FAN5098 FAIRCHILD-FAN5098 Datasheet
460Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for AMD Hammer?
FAN5091 FAIRCHILD-FAN5091 Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
   300W 2-Phase Interleaved Synchronous Buck-Boost Converter
logo
Fairchild Semiconductor
FAN5094 FAIRCHILD-FAN5094 Datasheet
182Kb / 22P
   Multi-Phase Interleaved Buck Converter
logo
STMicroelectronics
L6712 STMICROELECTRONICS-L6712_05 Datasheet
626Kb / 29P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
L6712 STMICROELECTRONICS-L6712 Datasheet
1Mb / 27P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com