전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PZT2907A 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 PZT2907A
상세설명  PN2907A / MMBT2907A / PZT2907A 60 V PNP General Purpose Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZT2907A 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button PZT2907A Datasheet HTML 3Page - Fairchild Semiconductor PZT2907A Datasheet HTML 4Page - Fairchild Semiconductor PZT2907A Datasheet HTML 5Page - Fairchild Semiconductor PZT2907A Datasheet HTML 6Page - Fairchild Semiconductor PZT2907A Datasheet HTML 7Page - Fairchild Semiconductor PZT2907A Datasheet HTML 8Page - Fairchild Semiconductor PZT2907A Datasheet HTML 9Page - Fairchild Semiconductor PZT2907A Datasheet HTML 10Page - Fairchild Semiconductor PZT2907A Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
© 1998 Fairchild Semiconductor Corporation
www.fairchildsemi.com
PN2907A / MMBT2907A / PZT2907A Rev. 1.1.1
10
Physical Dimensions (Continued)
Figure 17. MOLDED PACKAGING, SOT-223, 4-LEAD (ACTIVE)
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/dwg/MA/MA04A.pdf.
For current tape and reel specifications, visit Fairchild Semiconductor’s online packaging area:
http://www.fairchildsemi.com/packaging/tr/sot223_tr.pdf.
APPROVED
July-14-2008
SOT-223


유사한 부품 번호 - PZT2907A

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
PZT2907A MOTOROLA-PZT2907A Datasheet
139Kb / 6P
   SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
logo
SHENZHEN YONGERJIA INDU...
PZT2907A WINNERJOIN-PZT2907A Datasheet
161Kb / 1P
   TRANSISTOR (PNP)
logo
ON Semiconductor
PZT2907A ONSEMI-PZT2907A Datasheet
139Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1996 REV 4
PZT2907A ONSEMI-PZT2907A Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
August, 2013 ??Rev. 10
logo
NXP Semiconductors
PZT2907A PHILIPS-PZT2907A Datasheet
46Kb / 8P
   PNP switching transistor
1999 Apr 14
More results

유사한 설명 - PZT2907A

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
BC856BMB NEXPERIA-BC856BMB Datasheet
664Kb / 12P
   60 V, 100 mA PNP general-purpose transistor
BC856BM NEXPERIA-BC856BM Datasheet
664Kb / 12P
   60 V, 100 mA PNP general-purpose transistor
logo
Central Semiconductor C...
CP591X-2N2905A CENTRAL-CP591X-2N2905A Datasheet
557Kb / 4P
   PNP - General Purpose Transistor Die 0.6 Amp, 60 Volt
R1 25-April 2017
logo
NXP Semiconductors
BC856BS NXP-BC856BS Datasheet
100Kb / 12P
   65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01-11 August 2009
logo
Nexperia B.V. All right...
BC857QAS NEXPERIA-BC857QAS Datasheet
688Kb / 13P
   45 V, 100 mA PNP/PNP general-purpose transistor
BC856S-Q NEXPERIA-BC856S-Q Datasheet
244Kb / 11P
   65 V, 100 mA PNP/PNP general-purpose transistor
17 June 2021
BC856S NEXPERIA-BC856S Datasheet
241Kb / 11P
   65 V, 100 mA PNP/PNP general-purpose transistor
1 July 2022
logo
NXP Semiconductors
BC856S NXP-BC856S Datasheet
94Kb / 12P
   65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 02-19 February 2009
logo
Nexperia B.V. All right...
BC856BS NEXPERIA-BC856BS Datasheet
1Mb / 12P
   65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01 - 11 August 2009
logo
NXP Semiconductors
BC857QAS PHILIPS-BC857QAS_15 Datasheet
215Kb / 13P
   45 V, 100 mA PNP/PNP general-purpose transistor
8 July 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com