전자부품 데이터시트 검색엔진 |
|
BA78M06FP-E2 데이터시트(PDF) 4 Page - Rohm |
|
BA78M06FP-E2 데이터시트(HTML) 4 Page - Rohm |
4 / 13 page BA78□□Series,BA78M□□Series Technical Note 4/12 www.rohm.com 2012.03 - Rev.C © 2012 ROHM Co., Ltd. All rights reserved. ● Electrical Characteristics BA78M□□CP/FP (Ta=25℃,Vin=10V(05),11V(06),13V(07),14V(08),15V(09),16V(10),19V(12),23V(15),27V(18),29V(20),33V(24),Io=350mA unless otherwise specified) Parameter Symbol Type Limit Unit Condition Min Typ Max Load Regulation 1 Reg.L1 05 - 20 100 mV Io=5mA~500mA 06 - 20 120 07 - 20 140 08 - 20 160 09 - 20 180 10 - 20 200 12 - 20 240 15 - 20 300 18 - 20 360 20 - 20 400 24 - 20 480 Load Regulation 2 Reg.L2 05 - 10 50 mV Io=5mA~200mA 06 - 10 60 07 - 10 70 08 - 10 80 09 - 10 90 10 - 10 100 12 - 10 120 15 - 10 150 18 - 10 180 20 - 10 200 24 - 10 240 Output Noise Voltage Vn 05 - 40 - µV f=10Hz~100kHz 06 - 60 - 07 - 70 - 08 - 80 - 09 - 90 - 10 - 100 - 12 - 110 - 15 - 130 - 18 - 140 - 20 - 150 - 24 - 170 - Bias Current Ib common - 4.5 6.0 mA Io=0mA Bias Current Change1 Ib1 common - - 0.5 mA Io=5mA~350mA Bias Current Change 2 Ib2 05 - - 0.8 mA Vin:8~25V, Io=200mA 06 - - 0.8 Vin:9~25V, Io=200mA 07 - - 0.8 Vin:10~25V, Io=200mA 08 - - 0.8 Vin:10.5~25V, Io=200mA 09 - - 0.8 Vin:12~25V, Io=200mA 10 - - 0.8 Vin:13~25V, Io=200mA 12 - - 0.8 Vin:14.5~30V, Io=200mA 15 - - 0.8 Vin:17.5~30V, Io=200mA 18 - - 0.8 Vin:21~33V, Io=200mA 20 - - 0.8 Vin:23~33V, Io=200mA 24 - - 0.8 Vin:27~33V, Io=200mA Short-Circuit Output Current Ios 05/06/07/08 - 0.4 - A Vin=25V 09/10/12/15/18/20/24 - 0.17 - Vin=30V Output Resistance Ro 05 - 9 - mΩ f=1kHz 06 - 10 - 07 - 11 - 08 - 12 - 09 - 13 - 10 - 14 - 12 - 16 - 15 - 19 - 18 - 22 - 20 - 25 - 24 - 37 - |
유사한 부품 번호 - BA78M06FP-E2 |
|
유사한 설명 - BA78M06FP-E2 |