전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7711AQ 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD7711AQ
상세설명  LC2MOS Signal Conditioning ADC with RTD Excitation Currents
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7711AQ 데이터시트(HTML) 5 Page - Analog Devices

  AD7711AQ Datasheet HTML 1Page - Analog Devices AD7711AQ Datasheet HTML 2Page - Analog Devices AD7711AQ Datasheet HTML 3Page - Analog Devices AD7711AQ Datasheet HTML 4Page - Analog Devices AD7711AQ Datasheet HTML 5Page - Analog Devices AD7711AQ Datasheet HTML 6Page - Analog Devices AD7711AQ Datasheet HTML 7Page - Analog Devices AD7711AQ Datasheet HTML 8Page - Analog Devices AD7711AQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
2
REV.G
AD7711
–5–
TIMING CHARACTERISTICS1, 2
Limit at TMIN, TMAX
Parameter
(A, S Versions)
Unit
Conditions/Comments
fCLK IN
4, 5
400
kHz min
Master Clock Frequency: Crystal Oscillator or Externally
Supplied for Specified Performance
10
MHz max
tCLK IN LO
0.4
× t
CLK IN
ns min
Master Clock Input Low Time; tCLK IN = 1/fCLK IN
tCLK IN HI
0.4
× tCLK IN
ns min
Master Clock Input High Time
tr
6
50
ns max
Digital Output Rise Time. Typically 20 ns
tf
6
50
ns max
Digital Output Fall Time. Typically 20 ns
t1
1000
ns min
SYNC Pulse Width
Self-Clocking Mode
t2
0
ns min
DRDY to RFS Setup Time
t3
0
ns min
DRDY to RFS Hold Time
t4
2
× t
CLK IN
ns min
A0 to
RFS Setup Time
t5
0
ns min
A0 to
RFS Hold Time
t6
4
× tCLK IN + 20
ns max
RFS Low to SCLK Falling Edge
t7
7
4
× t
CLK IN + 20
ns max
Data Access Time (
RFS Low to Data Valid)
t8
7
tCLK IN/2
ns min
SCLK Falling Edge to Data Valid Delay
tCLK IN/2 + 30
ns max
t9
tCLK IN/2
ns nom
SCLK High Pulse Width
t10
3
× t
CLK IN/2
ns nom
SCLK Low Pulse Width
t14
50
ns min
A0 to
TFS Setup Time
t15
0
ns min
A0 to
TFS Hold Time
t16
4
× t
CLK IN + 20
ns max
TFS to SCLK Falling Edge Delay Time
t17
4
× tCLK IN
ns min
TFS to SCLK Falling Edge Hold Time
t18
0
ns min
Data Valid to SCLK Setup Time
t19
10
ns min
Data Valid to SCLK Hold Time
NOTES
1Guaranteed by design, not production tested. All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2See Figures 10 to 13.
3The AD7711 is specified with a 10 MHz clock for AV
DD voltages of 5 V
± 5%. It is specified with an 8 MHz clock for AV
DD voltages greater than 5.25 V and less
than 10.5 V.
4CLK IN duty cycle range is 45% to 55%. CLK IN must be supplied whenever the AD7711 is not in STANDBY mode. If no clock is present in this case, the device
can draw higher current than specified and possibly become uncalibrated.
5The AD7711 is production tested with f
CLK IN at 10 MHz (8 MHz for AVDD > 5.25 V). It is guaranteed by characterization to operate at 400 kHz.
6Specified using 10% and 90% points on waveform of interest.
7These numbers are measured with the load circuit of Figure 1 and defined as the time required for the output to cross 0.8 V or 2.4 V.
(DVDD = +5 V
5%; AVDD = +5 V or +10 V
3
5%; VSS = 0 V or –5 V
10%; AGND = DGND =
0 V; fCLK IN = 10 MHz; Input Logic 0 = 0 V, Logic 1 = DVDD, unless otherwise noted.)


유사한 부품 번호 - AD7711AQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7711AQ AD-AD7711AQ Datasheet
242Kb / 28P
   LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. F
AD7711AQ AD-AD7711AQ Datasheet
301Kb / 28P
   LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. G
AD7711AQ AD-AD7711AQ Datasheet
354Kb / 29P
   Signal Conditioning ADC
More results

유사한 설명 - AD7711AQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7711 AD-AD7711 Datasheet
242Kb / 28P
   LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. F
AD7711ARZ AD-AD7711ARZ Datasheet
301Kb / 28P
   LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. G
AD7711A AD-AD7711A Datasheet
222Kb / 27P
   LC2MOS Signal Conditioning ADC with RTD Current Source
REV. C
AD7712 AD-AD7712 Datasheet
229Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. E
AD7712 AD-AD7712_04 Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712ANZ AD-AD7712ANZ Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712ARZ AD-AD7712ARZ Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712ANZ AD-AD7712ANZ Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com