전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7711SQ 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD7711SQ
상세설명  LC2MOS Signal Conditioning ADC with RTD Excitation Currents
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7711SQ 데이터시트(HTML) 3 Page - Analog Devices

  AD7711SQ Datasheet HTML 1Page - Analog Devices AD7711SQ Datasheet HTML 2Page - Analog Devices AD7711SQ Datasheet HTML 3Page - Analog Devices AD7711SQ Datasheet HTML 4Page - Analog Devices AD7711SQ Datasheet HTML 5Page - Analog Devices AD7711SQ Datasheet HTML 6Page - Analog Devices AD7711SQ Datasheet HTML 7Page - Analog Devices AD7711SQ Datasheet HTML 8Page - Analog Devices AD7711SQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Parameter
A, S Versions
1
Unit
Conditions/Comments
VBIAS INPUT
12
Input Voltage Range
AVDD – 0.85
¥ VREF
See VBIAS Input Section
or AVDD – 3.5
V max
Whichever Is Smaller; +5 V/–5 V or +10 V/0 V
Nominal AVDD/VSS
or AVDD – 2.1
V max
Whichever Is Smaller; +5 V/0 V Nominal AVDD/VSS
VSS + 0.85
¥ VREF
See VBIAS Input Section
or VSS + 3
V min
Whichever Is Greater; +5 V/–5 V or +10 V/0 V
Nominal AVDD/VSS
or VSS + 2.1
V min
Whichever Is Greater; +5 V/0 V Nominal AVDD/VSS
VBIAS Rejection
65 to 85
dB typ
Increasing with Gain
LOGIC INPUTS
Input Current
±10
mA max
All Inputs except MCLK IN
VINL, Input Low Voltage
0.8
V max
VINH, Input High Voltage
2.0
V min
MCLK IN Only
VINL, Input Low Voltage
0.8
V max
VINH, Input High Voltage
3.5
V min
LOGIC OUTPUTS
VOL, Output Low Voltage
0.4
V max
ISINK = 1.6 mA
VOH, Output High Voltage
4.0
V min
ISOURCE = 100
mA
Floating State Leakage Current
±10
mA max
Floating State Output Capacitance
13
9
pF typ
TRANSDUCER BURNOUT
Current
4.5
mA nom
Initial Tolerance @ 25
∞C
±10
% typ
Drift
0.1
%/
∞C typ
RTD EXCITATION CURRENTS (RTD1, RTD2)
Output Current
200
mA nom
Initial Tolerance @ 25
∞C
±20
% max
Drift
20
ppm/
∞C typ
Initial Matching @ 25
∞C
±1% max
Matching between RTD1 and RTD2 Currents
Drift Matching
3
ppm/
∞C typ
Matching between RTD1 and RTD2 Current Drift
Line Regulation (AVDD)
200
nA/V max
AVDD = 5 V
Load Regulation
200
nA/V max
Output Compliance
AVDD – 2
V max
SYSTEM CALIBRATION
Positive Full-Scale Calibration Limit
14
(1.05
¥ VREF)/GAIN
V max
GAIN Is the Selected PGA Gain (between 1 and 128)
Negative Full-Scale Calibration Limit14
–(1.05
¥ VREF)/GAIN
V max
GAIN Is the Selected PGA Gain (between 1 and 128)
Offset Calibration Limit
15
–(1.05
¥ VREF)/GAIN
V max
GAIN Is the Selected PGA Gain (between 1 and 128)
Input Span
15
0.8
¥ VREF/GAIN
V min
GAIN Is the Selected PGA Gain (between 1 and 128)
(2.1
¥ VREF)/GAIN
V max
GAIN Is the Selected PGA Gain (between 1 and 128)
NOTES
12The AD7711 is tested with the following V
BIAS voltages. With AVDD = 5 V and VSS = 0 V, VBIAS = 2.5 V; with AVDD = 10 V and VSS = 0 V, VBIAS = 5 V, and
with AVDD = 5 V and VSS = –5 V, VBIAS = 0 V.
13Guaranteed by design, not production tested.
14After calibration, if the analog input exceeds positive full scale, the converter outputs all 1s. If the analog input is less than negative full scale, the device outputs all 0s.
15These calibration and span limits apply, provided the absolute voltage on the analog inputs does not exceed AV
DD + 30 mV or go more negative than VSS – 30 mV.
The offset calibration limit applies to both the unipolar zero point and the bipolar zero point.
–3–
REV. G
AD7711


유사한 부품 번호 - AD7711SQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7711SQ AD-AD7711SQ Datasheet
242Kb / 28P
   LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. F
AD7711SQ AD-AD7711SQ Datasheet
301Kb / 28P
   LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. G
AD7711SQ AD-AD7711SQ Datasheet
354Kb / 29P
   Signal Conditioning ADC
More results

유사한 설명 - AD7711SQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7711 AD-AD7711 Datasheet
242Kb / 28P
   LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. F
AD7711ARZ AD-AD7711ARZ Datasheet
301Kb / 28P
   LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. G
AD7711A AD-AD7711A Datasheet
222Kb / 27P
   LC2MOS Signal Conditioning ADC with RTD Current Source
REV. C
AD7712 AD-AD7712 Datasheet
229Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. E
AD7712 AD-AD7712_04 Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712ANZ AD-AD7712ANZ Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712ARZ AD-AD7712ARZ Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712ANZ AD-AD7712ANZ Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com